Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10TTS08STRR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 10TTS08STRR
Description  Thyristor High Voltage Surface Mount Phase Control SCR, 10 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10TTS08STRR Datasheet(HTML) 3 Page - Vishay Siliconix

  10TTS08STRR Datasheet HTML 1Page - Vishay Siliconix 10TTS08STRR Datasheet HTML 2Page - Vishay Siliconix 10TTS08STRR Datasheet HTML 3Page - Vishay Siliconix 10TTS08STRR Datasheet HTML 4Page - Vishay Siliconix 10TTS08STRR Datasheet HTML 5Page - Vishay Siliconix 10TTS08STRR Datasheet HTML 6Page - Vishay Siliconix 10TTS08STRR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-10TTS08SPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 08-Jul-15
3
Document Number: 94562
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) When mounted on 1" square (650 mm2) PCB of FR-4 or G-10 material 4 oz. (140 μm) copper 40 °C/W
For recommended footprint and soldering techniques refer to application note #AN-994
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
-40 to +125
°C
Soldering temperature
TS
For 10 s (1.6 mm from case)
260
Maximum thermal resistance,
junction to case
RthJC
DC operation
1.5
°C/W
Typical thermal resistance,
junction to ambient (PCB mount)
RthJA (1)
40
Approximate weight
2g
0.07
oz.
Marking device
Case style D2PAK (SMD-220)
10TTS08S
105
110
115
120
125
0
1
23
45
67
30°
60°
90°
120°
180°
Conduction Angle
Average On-state Current (A)
10TTS08
R
(DC) = 1.5 K/W
thJC
105
110
115
120
125
02468
10
12
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
10TTS08
R
(DC) = 1.5 K/W
thJC
0
1
2
3
4
5
6
7
8
01234
5
67
RMS Limit
Conduction Angle
Average On-state Current (A)
180°
120°
90°
60°
30°
10TTS08
T = 125°C
J
0
2
4
6
8
10
12
02
46
8
10
12
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
10TTS08
T = 125°C
J



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com