Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B9037 Datasheet(PDF) 3 Page - EPCOS

Part # B9037
Description  SAW GPS filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9037 Datasheet(HTML) 3 Page - EPCOS

  B9037 Datasheet HTML 1Page - EPCOS B9037 Datasheet HTML 2Page - EPCOS B9037 Datasheet HTML 3Page - EPCOS B9037 Datasheet HTML 4Page - EPCOS B9037 Datasheet HTML 5Page - EPCOS B9037 Datasheet HTML 6Page - EPCOS B9037 Datasheet HTML 7Page - EPCOS B9037 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
April 26, 2007
B9037
1575.42 MHz
SAW Components
SAW GPS filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics of Filter
Temperature range for specification:
T
= –30 ˚C to +85˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
B90371)
1) Values in columns min, typ and max indicate the development status of the current version.
DGL2)
2) Values in column DesignGoal (DGL) indicate the target performance.
min.
typ.
@ 25 ˚C
max.
min./
max.
Center frequency
fC
—
1575.42
—
MHz
Maximum insertion attenuation
α
max
1574.42 ... 1576.42 MHz
—
0.9
1.4
dB
Amplitude ripple (p-p)
∆α
1574.42 ... 1576.42 MHz
—
0.05
0.5
dB
Return loss (Input and Output)
1574.42 ... 1576.42 MHz
10
18
—
dB
Attenuation
α
0.3
... 1522.42 MHz
30
35
—
dB
1628.42 ... 1750.0
MHz
30
38
—
dB
1750.0
... 1990.0
MHz
32
39
—
dB
1990.0
... 3000.0
MHz
30
38
—
dB
3000.0
... 4000.0
MHz
20
33
—
dB
4000.0
... 6000.0
MHz
17
28
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com