Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC166F3A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC166F3A
Description  High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC166F3A Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC166F3A Datasheet HTML 1Page - Texas Instruments CD54HC166F3A Datasheet HTML 2Page - Texas Instruments CD54HC166F3A Datasheet HTML 3Page - Texas Instruments CD54HC166F3A Datasheet HTML 4Page - Texas Instruments CD54HC166F3A Datasheet HTML 5Page - Texas Instruments CD54HC166F3A Datasheet HTML 6Page - Texas Instruments CD54HC166F3A Datasheet HTML 7Page - Texas Instruments CD54HC166F3A Datasheet HTML 8Page - Texas Instruments CD54HC166F3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS157C
Features
• Buffered Inputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
Pinout
CD54HC166, CD54HCT166
(CERDIP)
CD74HC166, CD74HCT166
(PDIP, SOIC)
TOP VIEW
Description
The ’HC166 and ’HCT166 8-bit shift register is fabricated
with silicon gate CMOS technology. It possesses the low
power consumption of standard CMOS integrated circuits,
and can operate at speeds comparable to the equivalent low
power Schottky device.
The ’HCT166 is functionally and pin compatible with the
standard ’LS166.
The 166 is an 8-bit shift register that has fully synchronous
serial or parallel data entry selected by an active LOW Parallel
Enable (PE) input. When the PE is LOW one setup time before
the LOW-to-HIGH clock transition, parallel data is entered into
the register. When PE is HIGH, data is entered into the internal
bit position Q0 from Serial Data Input (DS), and the remaining
bits are shifted one place to the right (Q0
→ Q1 → Q2, etc.)
with each positive-going clock transition. For expansion of the
register in parallel to serial converters, the Q7 output is con-
nected to the DS input of the succeeding stage.
The clock input is a gated OR structure which allows one
input to be used as an active LOW Clock Enable (CE) input.
The pin assignment for the CP and CE inputs is arbitrary and
can be reversed for layout convenience. The LOW-to-HIGH
transition of CE input should only take place while the CP is
HIGH for predictable operation.
A LOW on the Master Reset (MR) input overrides all other
inputs and clears the register asynchronously, forcing all bit
positions to a LOW state.
Ordering Information
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
DS
D0
D1
D2
D3
CE
GND
CP
VCC
D7
Q7
D6
D5
D4
MR
PE
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54HC166F3A
-55 to 125
16 Ld CERDIP
CD54HCT166F3A
-55 to 125
16 Ld CERDIP
CD74HC166E
-55 to 125
16 Ld PDIP
CD74HC166M
-55 to 125
16 Ld SOIC
CD74HC166MT
-55 to 125
16 Ld SOIC
CD74HC166M96
-55 to 125
16 Ld SOIC
CD74HCT166E
-55 to 125
16 Ld PDIP
CD74HCT166M
-55 to 125
16 Ld SOIC
CD74HCT166MT
-55 to 125
16 Ld SOIC
CD74HCT166M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
February 1998 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC166, CD74HC166,
CD54HCT166, CD74HCT166
High-Speed CMOS Logic
8-Bit Parallel-In/Serial-Out Shift Register
[ /Title
(CD74
HC166
,
CD74
HCT16
6)
/Sub-
ject
(High
Speed
CMOS
Logic
8-Bit
Paral-
lel-
In/Seri


Similar Part No. - CD54HC166F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC166F3A TI-CD54HC166F3A Datasheet
274Kb / 13P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC166F3A TI2-CD54HC166F3A Datasheet
939Kb / 22P
CDx4HC(T)166 High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
REVISED FEBRUARY 2022
CD54HC166F3A.A TI2-CD54HC166F3A.A Datasheet
939Kb / 22P
CDx4HC(T)166 High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
REVISED FEBRUARY 2022
More results

Similar Description - CD54HC166F3A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Texas Instruments
CD74HC164 TI-CD74HC164 Datasheet
47Kb / 7P
High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC165 TI-CD74HC165 Datasheet
52Kb / 9P
High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HC166 TI-CD74HC166 Datasheet
274Kb / 13P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC165 TI-CD54HC165 Datasheet
261Kb / 13P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164 Datasheet
269Kb / 11P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC164 TI-CD54HC164_07 Datasheet
339Kb / 15P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC165 TI-CD54HC165_07 Datasheet
418Kb / 15P
High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_08 Datasheet
444Kb / 14P
High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com