Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC240APWR.B Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC240APWR.B
Description  SN74LVC240A Octal Buffer/Driver with 3-State Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC240APWR.B Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC240APWR.B Datasheet HTML 1Page - Texas Instruments SN74LVC240APWR.B Datasheet HTML 2Page - Texas Instruments SN74LVC240APWR.B Datasheet HTML 3Page - Texas Instruments SN74LVC240APWR.B Datasheet HTML 4Page - Texas Instruments SN74LVC240APWR.B Datasheet HTML 5Page - Texas Instruments SN74LVC240APWR.B Datasheet HTML 6Page - Texas Instruments SN74LVC240APWR.B Datasheet HTML 7Page - Texas Instruments SN74LVC240APWR.B Datasheet HTML 8Page - Texas Instruments SN74LVC240APWR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
2
4
6
8
19
11
13
15
17
3
5
7
9
12
14
16
18
1A1
1A2
1A3
1A4
1Y1
2A1
2A2
2A3
2A4
2Y1
1Y2
1Y3
1Y4
2Y2
2Y3
2Y4
1OE
2OE
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC240A
SCAS293L – JANUARY 1993 – REVISED JULY 2014
SN74LVC240A Octal Buffer/Driver with 3-State Outputs
1 Features
2 Applications
1
•
Operates From 1.65 V to 3.6 V
•
Servers
•
Inputs Accept Voltages to 5.5 V
•
PCs and Notebooks
•
Max tpd of 6.5 ns at 3.3 V
•
Network Switches
•
Typical VOLP (Output Ground Bounce)
•
Wearable Health and Fitness Devices
<0.8 V at VCC = 3.3 V, TA = 25°C
•
Telecom Infrastructures
•
Typical VOHV (Output VOH Undershoot)
•
Electronic Points of Sale
>2 V at VCC = 3.3 V, TA = 25°C
3 Description
•
Supports Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With
This octal buffer/driver is designed for 1.65-V to 3.6-V
3.3-V VCC)
VCC operation.
•
Ioff Supports Live Insertion, Partial-Power-Down
The
SN74LVC240A
is
designed
specifically
to
Mode, and Back-Drive Protection
improve the performance and density of 3-state
memory address drivers, clock drivers, and bus-
•
Latch-Up Performance Exceeds 250 mA Per
oriented receivers and transmitters.
JESD 17
•
ESD Protection Exceeds JESD 22
Device Information(1)
–
2000-V Human-Body Model (A114-A)
PART NUMBER
PACKAGE
BODY SIZE
–
200-V Machine Model (A115-A)
SSOP (20)
7.20 mm × 5.30 mm
–
1000-V Charged-Device Model (C101)
TVSOP (20)
5.00 mm × 4.40 mm
SN74LVC240A
SOIC (20)
12.80 mm × 7.50 mm
SOP (20)
12.60 mm × 5.30 mm
TSSOP (20)
6.50 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC240APWR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC240APWR.B TI2-SN74LVC240APWR.B Datasheet
948Kb / 30P
SN74LVC240A Octal Buffer/Driver with 3-State Outputs
REVISED JULY 2014
More results

Similar Description - SN74LVC240APWR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-EP TI1-SN74LVC540A-EP Datasheet
409Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI1-SN74LVC240A_15 Datasheet
931Kb / 24P
SN74LVC240A Octal Buffer/Driver with 3-State Outputs
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com