Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W160B-GBT Datasheet(PDF) 43 Page - STMicroelectronics

Part # M28W160B-GBT
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W160B-GBT Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M28W160B-GBT Datasheet HTML 37Page - STMicroelectronics M28W160B-GBT Datasheet HTML 38Page - STMicroelectronics M28W160B-GBT Datasheet HTML 39Page - STMicroelectronics M28W160B-GBT Datasheet HTML 40Page - STMicroelectronics M28W160B-GBT Datasheet HTML 41Page - STMicroelectronics M28W160B-GBT Datasheet HTML 42Page - STMicroelectronics M28W160B-GBT Datasheet HTML 43Page - STMicroelectronics M28W160B-GBT Datasheet HTML 44Page - STMicroelectronics M28W160B-GBT Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
43/45
M28W160BT, M28W160BB
Figure 24. Erase Suspend & Resume Flowchart and Pseudo Code
Write 70h
AI03549b
Read Status
Register
YES
NO
b7 = 1
YES
NO
b6 = 1
Erase Continues
Write D0h
Read data from
another block
or
Program
Start
Write B0h
Erase Complete
Write FFh
Read Data
erase_suspend_command ( ) {
writeToFlash (any_address, 0xB0) ;
writeToFlash (any_address, 0x70) ;
/* read status register to check if
erase has already completed */
do {
status_register=readFlash (any_address) ;
/* E or G must be toggled*/
} while (status_register.b7== 0) ;
if (status_register.b6==0) /*erase completed */
{ writeToFlash (any_address, 0xFF) ;
read_data ( ) ;
/*read data from another block*/
/*The device returns to Read Array
(as if program/erase suspend was not issued).*/
}
else
{ writeToFlash (any_address, 0xFF) ;
read_program_data ( );
/*read or program data from another address*/
writeToFlash (any_address, 0xD0) ;
/*write 0xD0 to resume erase*/
}
}
Write FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com