Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FOXF1 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 100Page - STMicroelectronics ST7FOXF1 Datasheet HTML 101Page - STMicroelectronics ST7FOXF1 Datasheet HTML 102Page - STMicroelectronics ST7FOXF1 Datasheet HTML 103Page - STMicroelectronics ST7FOXF1 Datasheet HTML 104Page - STMicroelectronics ST7FOXF1 Datasheet HTML 105Page - STMicroelectronics ST7FOXF1 Datasheet HTML 106Page - STMicroelectronics ST7FOXF1 Datasheet HTML 107Page - STMicroelectronics ST7FOXF1 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 226 page
background image
On-chip peripherals
ST7FOXF1, ST7FOXK1, ST7FOXK2
104/226
PWMx Duty Cycle register High (DCRxH)
Reset value: 0000 0000 (00h)
Bits 15:12 = Reserved.
PWMx Duty Cycle register Low (DCRxL)
Reset value: 0000 0000 (00h)
Bits 11:0 = DCRx[11:0] PWMx Duty Cycle Value: this 12-bit value is written by software. It
defines the duty cycle of the corresponding PWM output signal (see Figure 38).
In PWM mode (OEx=1 in the PWMCR register) the DCR[11:0] bits define the duty cycle of
the PWMx output signal (see Figure 38). In Output Compare mode, they define the value to
be compared with the 12-bit upcounter value.
Input Capture register High (ATICRH)
Reset value: 0000 0000 (00h)
Bits 15:12 = Reserved.
15
8
0
0
0
0
DCR11
DCR10
DCR9
DCR8
Read/write
7
0
DCR7
DCR6
DCR5
DCR4
DCR3
DCR2
DCR1
DCR0
Read/write
15
8
0000
ICR11
ICR10
ICR9
ICR8
Read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com