Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FOXF1 Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 102Page - STMicroelectronics ST7FOXF1 Datasheet HTML 103Page - STMicroelectronics ST7FOXF1 Datasheet HTML 104Page - STMicroelectronics ST7FOXF1 Datasheet HTML 105Page - STMicroelectronics ST7FOXF1 Datasheet HTML 106Page - STMicroelectronics ST7FOXF1 Datasheet HTML 107Page - STMicroelectronics ST7FOXF1 Datasheet HTML 108Page - STMicroelectronics ST7FOXF1 Datasheet HTML 109Page - STMicroelectronics ST7FOXF1 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 226 page
background image
On-chip peripherals
ST7FOXF1, ST7FOXK1, ST7FOXK2
106/226
Timer Control register 2 (ATCSR2)
Reset value: 0000 0011 (03h)
Bit 7 = FORCE2 Force Counter 2 Overflow bit
This bit is read/set by software. When set, it loads FFFh in the CNTR2 register. It is
reset by hardware one CPU clock cycle after counter 2 overflow has occurred.
0 : No effect on CNTR2
1 : Loads FFFh in CNTR2
Note:
This bit must not be reset by software
Bit 6 = FORCE1 Force Counter 1 Overflow bit
This bit is read/set by software. When set, it loads FFFh in CNTR1 register. It is reset
by hardware one CPU clock cycle after counter 1 overflow has occurred.
0 : No effect on CNTR1
1 : Loads FFFh in CNTR1
Note:
This bit must not be reset by software
Bit 5 = ICS Input Capture Shorted bit
This bit is read/write by software. It allows the ATtimer CNTR1 to use the LTIC pin for
long Input Capture.
0 : ATIC for CNTR1 Input Capture
1 : LTIC for CNTR1 Input Capture
Bit 4 = OVFIE2 Overflow interrupt 2 enable bit
This bit is read/write by software and controls the overflow interrupt of counter2.
0: Overflow interrupt disabled.
1: Overflow interrupt enabled.
Bit 3 = OVF2 Overflow flag
This bit is set by hardware and cleared by software by reading the ATCSR2 register. It
indicates the transition of the counter2 from FFFh to ATR2 value.
0: No counter overflow occurred
1: Counter overflow occurred
Bit 2 = ENCNTR2 Enable counter2 for PWM2/3
This bit is read/write by software and switches the PWM2/3 operation to the CNTR2
counter. If this bit is set, PWM2/3 will be generated using CNTR2.
0: PWM2/3 is generated using CNTR1.
1: PWM2/3 is generated using CNTR2.
Note:
Counter 2 gets frozen when the ENCNTR2 bit is reset. When ENCNTR2 is set again, the
counter will restart from the last value.
7
0
FORCE2
FORCE1
ICS
OVFIE2
OVF2
ENCNTR2
TRAN2
TRAN1
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com