Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FOXK2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST7FOXK2
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST7FOXK2 Datasheet HTML 9Page - STMicroelectronics ST7FOXK2 Datasheet HTML 10Page - STMicroelectronics ST7FOXK2 Datasheet HTML 11Page - STMicroelectronics ST7FOXK2 Datasheet HTML 12Page - STMicroelectronics ST7FOXK2 Datasheet HTML 13Page - STMicroelectronics ST7FOXK2 Datasheet HTML 14Page - STMicroelectronics ST7FOXK2 Datasheet HTML 15Page - STMicroelectronics ST7FOXK2 Datasheet HTML 16Page - STMicroelectronics ST7FOXK2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Description
13/226
1
Description
The ST7FOX is a member of the ST7 microcontroller family. All ST7 devices are based on a
common industry-standard 8-bit core, featuring an enhanced instruction set.
The device is positioned at the entry level of the 8-bit microcontroller range providing an
attractive cost while at the same time embedding the most advanced features.
The ST7FOX features Flash memory with byte-by-byte In-Circuit Programming (ICP) and In-
Application Programming (IAP) capability.
Under software control, the ST7FOX device can be placed in Wait, Slow, or Halt mode,
reducing power consumption when the application is in idle or standby state.
The enhanced instruction set and addressing modes of the ST7 offer both power and
flexibility to software developers, enabling the design of highly efficient and compact
application code. In addition to standard 8-bit data management, all ST7 microcontrollers
feature true bit manipulation, 8x8 unsigned multiplication and indirect addressing modes.
The ST7FOX features an on-chip Debug Module (DM) to support In-Circuit Debugging
(ICD). For a description of the DM registers, refer to the ST7 ICC Protocol Reference
Manual.
Table 1.
Device summary
Features
ST7FOXF1 / ST7FOXK1
ST7FOXK2
Program memory - bytes
4K
8K
RAM (stack) - bytes
384 (128)
Timers
Dual 8-bit timer,
dual 12-bit AT (4 PWM)
Dual 8-bit timer, dual 12-bit AT
(4 PWM), 1 x 16-bit timer
ADC
1 x 10-bit
Peripherals
I²C
I²C and SPI
Packages
DIP20, SO20, LQFP32, SDIP32
LQFP32, SDIP32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com