Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4962M Datasheet(PDF) 38 Page - STMicroelectronics

Part # TS4962M
Description  3W filter-free class D audio power amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TS4962M_07 Datasheet HTML 33Page - STMicroelectronics TS4962M_07 Datasheet HTML 34Page - STMicroelectronics TS4962M_07 Datasheet HTML 35Page - STMicroelectronics TS4962M_07 Datasheet HTML 36Page - STMicroelectronics TS4962M_07 Datasheet HTML 37Page - STMicroelectronics TS4962M_07 Datasheet HTML 38Page - STMicroelectronics TS4962M_07 Datasheet HTML 39Page - STMicroelectronics TS4962M_07 Datasheet HTML 40Page - STMicroelectronics TS4962M_07 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
Package information
TS4962M
38/41
8
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.
Figure 72.
Pin-out for 9-bump flip-chip (top view)
Figure 73.
Marking for 9-bump flip-chip (top view)
Figure 74.
Mechanical data for 9-bump flip-chip
V
DD
1/A1
7/C1
8/C2
9/C3
4/B1
6/B3
2/A2
3/A3
5/B2
V
DD
IN
-
IN
+
GND
STBY
GND
OUT
+
OUT
-
V
DD
1/A1
7/C1
8/C2
9/C3
4/B1
6/B3
2/A2
3/A3
5/B2
V
DD
IN
-
IN
+
GND
STBY
GND
OUT
+
OUT
-
■ Bumps are underneath
■ Bump diameter = 300
μm
■ ST Logo
■ Symbol for lead-free: E
■ Two first XX product code: 62
■ third X: Assembly code
■ Three digits date code: Y for year - WW for week
■ The dot is for marking pin A1
XXX
YWW
E
XXX
YWW
E
■
Die size: 1.6mm x 1.6mm
±30μm
■
Die height (including bumps): 600
μm
■
Bump diameter: 315
μm ±50μm
■
Bump diameter before reflow: 300
μm ±10μm
■
Bump height: 250
μm ±40μm
■
Die height: 350
μm ±20μm
■
Pitch: 500
μm ±50μm
■
Coplanarity: 50
μm max
1.60 mm
1.60 mm
0.5mm
0.5mm
∅ 0.25mm
1.60 mm
1.60 mm
0.5mm
0.5mm
∅ 0.25mm
600µm
600µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com