Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9C102PIZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # X9C102PIZ
Description  Digitally Controlled Potentiometer (XDCP™)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9C102PIZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  X9C102PIZ Datasheet HTML 1Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 2Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 3Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 4Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 5Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 6Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 7Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 8Page - Renesas Technology Corp X9C102PIZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
X9C102, X9C103, X9C104, X9C503
FN8222 Rev 4.00
Page 4 of 12
Jan 11, 2019
Absolute Maximum Ratings
Thermal Information
Voltage on CS, INC, U/D and VCC with Respect to VSS . -1V to +7V
Voltage on VH/RH and VL/RL Referenced to VSS. . . . . . . -8V to +8V
V = |VH/RH - VL/RL|
X9C102 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4V
X9C103, X9C104, and X9C503 . . . . . . . . . . . . . . . . . . . . . . . .10V
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8.8mA
Power Rating
X9C102 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16mW
X9C103 X0C104, and X9C503 . . . . . . . . . . . . . . . . . . . . . .10mW
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TB493
*Pb-free PDIPs can be used for through-hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
Recommended Operating Conditions
Commercial Temperature Range. . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial Temperature Range . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage Range (VCC) . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
(Note 7)
MAX
POTENTIOMETER CHARACTERISTICS
RTOTAL
End-to-End Resistance Variation
-20
+20
%
VVH/RH
VH Terminal Voltage
-5
+5
V
VVL/RL
VL Terminal Voltage
-5
+5
V
IW
Wiper Current
-4.4
4.4
mA
RW
Wiper Resistance
Wiper Current = ±1mA
40
100
Resistor Noise (Note 8)
Ref 1kHz
-120
dBV
Charge Pump Noise (Note 8)
@ 850kHz
20
mVRMS
Resolution
1%
Absolute Linearity (Note 4)
VW(n)(actual) - VW(n)(EXPECTED)
-1
+1
MI (Note 6)
Relative Linearity (Note 5)
VW(n + 1)(ACTUAL) - [VW(n) + MI]
-0.2
+0.2
MI (Note 6)
RTOTAL Temperature Coefficient
X9C103, X9C503, X9C104
±300 (Note 8)
ppm/°C
RTOTAL Temperature Coefficient
X9C102
±600 (Note 8)
ppm/°C
Ratiometric Temperature Coefficient
±20
ppm/°C
CH/CL/CW
(Note 8)
Potentiometer Capacitances
See “Circuit #3 SPICE Macro
Model” on page 5.
10/10/25
pF
DC OPERATING CHARACTERISTICS
ICC
VCC Active Current
CS = VIL, U/D = VIL or VIH and
INC = 0.4V to 2.4V at Max tCYC
13
mA
ISB
Standby Supply Current
CS = VCC - 0.3V, U/D and
INC =VSS or VCC -0.3V
200
750
µA
ILI
CS, INC, U/D Input Leakage Current
VIN = VSS to VCC
±10
µA
VIH
CS, INC, U/D input HIGH Voltage
2
V
VIL
CS, INC, U/D input LOW Voltage
0.8
V
CIN
CS, INC, U/D Input Capacitance (Note 8)
VCC = 5V, VIN = VSS, TA = +25°C,
f = 1MHz
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com