Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB-001CEVALZ Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # KMB-001CEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001CEVALZ Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button KMB-001CEVALZ Datasheet HTML 18Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 19Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 20Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 21Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 22Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 23Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 24Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 25Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
ISLA224P12
FN7983 Rev.4.01
Page 22 of 32
Apr 8, 2024
Serial Peripheral Interface
A serial peripheral interface (SPI) bus is used to facilitate
configuration of the device and to optimize performance. The SPI
bus consists of chip select (CSB), serial clock (SCLK) serial data
output (SDO), and serial data input/output (SDIO). The maximum
SCLK rate is equal to the A/D sample rate (fSAMPLE) divided by 16
for both write operations and read operations. At
fSAMPLE = 125MHz, maximum SCLK is 7.8125MHz for writing and
read operations. There is no minimum SCLK rate.
The following sections describe various registers that are used to
configure the SPI or adjust performance or functional parameters.
Many registers in the available address space (0x00 to 0xFF) are
not defined in this document. Additionally, within a defined
register there may be certain bits or bit combinations that are
reserved. Undefined registers and undefined values within defined
registers are reserved and should not be selected. Setting any
reserved register or value may produce indeterminate results.
SPI Physical Interface
The serial clock pin (SCLK) provides synchronization for the data
transfer. By default, all data is presented on the serial data
input/output (SDIO) pin in three-wire mode. The state of the SDIO
pin is set automatically in the communication protocol
(described in the following). A dedicated serial data output pin
(SDO) can be activated by setting 0x00[7] high to allow operation
in four-wire mode.
The SPI port operates in a half duplex master/slave
configuration, with the ISLA224P12 functioning as a slave.
Multiple slave devices can interface to a single master in
three-wire mode only, since the SDO output of an unaddressed
device is asserted in four wire mode.
The chip-select bar (CSB) pin determines when a slave device is
being addressed. Multiple slave devices can be written to
concurrently, but only one slave device can be read from at a
given time (again, only in three-wire mode). If multiple slave
devices are selected for reading at the same time, the results will
be indeterminate.
The communication protocol begins with an instruction/address
phase. The first rising SCLK edge following a high-to-low
transition on CSB determines the beginning of the two-byte
instruction/address command; SCLK must be static low before
the CSB transition. Data can be presented in MSB-first order or
LSB-first order. The default is MSB-first, but this can be changed
by setting 0x00[6] high. Figures 38 and 39 show the appropriate
bit ordering for the MSB-first and LSB-first modes, respectively. In
MSB-first mode, the address is incremented for multi-byte
transfers, while in LSB-first mode it’s decremented.
In the default mode, the MSB is R/W, which determines if the
data is to be read (active high) or written. The next two bits, W1
and W0, determine the number of data bytes to be read or
written (see Table 5). The lower 13 bits contain the first address
for the data transfer. This relationship is illustrated in Figure 40,
and timing values are given in “Switching Specifications” on
page 11.
After the instruction/address bytes have been read, the
appropriate number of data bytes are written to or read from the
A/D (based on the R/W bit status). The data transfer will
continue as long as CSB remains low and SCLK is active. Stalling
of the CSB pin is allowed at any byte boundary
(instruction/address or data) if the number of bytes being
transferred is three or less. For transfers of four bytes or more,
CSB is allowed to stall in the middle of the instruction/address
bytes or before the first data byte. If CSB transitions to a high
state after that point, the state machine will reset and terminate
the data transfer.
FIGURE 42. 2-BYTE TRANSFER
CSB
SCLK
SDIO
INSTRUCTION/ADDRESS
DATA WORD 1
DATA WORD 2
CSB STALLING
FIGURE 43. N-BYTE TRANSFER
CSB
SCLK
SDIO
INSTRUCTION/ADDRESS
DATA WORD 1
DATA WORD N
LAST LEGAL
CSB STALLING
TABLE 5. BYTE TRANSFER SELECTION
[W1:W0]
BYTES TRANSFERRED
00
1
01
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com