Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB-422TTL. Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # BB-422TTL.
Description  TTL to RS-422 Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-422TTL. Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  BB-422TTL. Datasheet HTML 1Page - Advantech Co., Ltd. BB-422TTL. Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All product specifications are subject to change without notice.
Advantech B+B SmartWorx, 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA
1 (800)346-3119/Toll Free | orders@advantech-bb.com | support@advantech-bb.com
www.advantech.com
TTL to RS-422 Converter
Model BB-422TTL
Model BB-422TTL converts RS-422 or EIA-530 signals to 5V TTL at data
rates up to 115.2 kbps. Two channels are used to convert RS-422 to TTL and
two channels are used to convert TTL to RS-422.
A DB25 male connector is used on the TTL side and a DB25 female
connector is used on the RS-422/EIA-530 side. The converter supports RD,
TD, RTS, and CTS. Pin 7 is signal ground for both connectors.
The converter supports baud rates up to 115.2 kbps. Open pads are
provided for each line. If desired, you can change the pin connectors for
any of the 4 channels. When converting a second RS-422 channel, use the
corresponding RTS A and RTS B pins (refer to the Quick Start Guide).
The converter inverts the TTL signal. Refer to the specifications table to
determine polarity. An external +12 VDC power supply is required (not
included, sold separately).
• Convert 2 channels in each direction from TTL (“Transistor
Transistor Logic)” to RS-422
• 5V TTL
• Baud rates up to 115.2 kbps
• Quick, inline installation
• Open pads to change pin configuration
• Power supply required (sold separately)
PRODUCT FEATURES
ACCESSORIES – sold separately
SMI6-12-V-P230-C1 - Power Supply, 12 VDC 6 Watt, 2.5MM Plug, International AC Input,
International AC Blades
ORDERING INFORMATION
MODEL NUMBER
RS-422
CONNECTOR TTL CONNECTOR TTL VDC
POWER SUPPLY
REQUIRED
BB-422TTL
DB25 Female
DB25 Male
5V
✔
MECHANICAL DIAGRAM
Units - cm/in
BB-422TTL_2120ds
PINOUTS


Similar Part No. - BB-422TTL.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-422TTL ADVANTECH-BB-422TTL Datasheet
661Kb / 2P
TTL to RS-422 Converter
More results

Similar Description - BB-422TTL.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADAM-4521 ETC-ADAM-4521 Datasheet
164Kb / 1P
Addressable RS-422/485 to RS-232 Converter
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
ORing Industrial Networ...
ISC-1112 ORING-ISC-1112 Datasheet
719Kb / 3P
Industrial RS-232 to RS-422/485 Serial Media Converter
logo
Advantech Co., Ltd.
BB-485DRCI-PH ADVANTECH-BB-485DRCI-PH Datasheet
374Kb / 2P
Heavy Industrial RS-232 to RS-422/485 Isolated Converter
BB-422LCON ADVANTECH-BB-422LCON Datasheet
578Kb / 2P
RS-232 to RS-422 Converter
BB-422LCOR ADVANTECH-BB-422LCOR Datasheet
346Kb / 1P
RS-232 to RS-422 Converter
BB-422LP25R ADVANTECH-BB-422LP25R Datasheet
342Kb / 1P
Port-powered RS-232 to RS-422 Converter
BB-422LP9R ADVANTECH-BB-422LP9R Datasheet
548Kb / 2P
Port-powered RS-232 to RS-422 Converter
BB-422TTL ADVANTECH-BB-422TTL Datasheet
661Kb / 2P
TTL to RS-422 Converter
BB-485DRCI ADVANTECH-BB-485DRCI Datasheet
497Kb / 2P
Industrial RS-232 to RS-422/485 Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com