Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4993 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L4993
Description  Low drop voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L4993 Datasheet HTML 21Page - STMicroelectronics L4993 Datasheet HTML 22Page - STMicroelectronics L4993 Datasheet HTML 23Page - STMicroelectronics L4993 Datasheet HTML 24Page - STMicroelectronics L4993 Datasheet HTML 25Page - STMicroelectronics L4993 Datasheet HTML 26Page - STMicroelectronics L4993 Datasheet HTML 27Page - STMicroelectronics L4993 Datasheet HTML 28Page - STMicroelectronics L4993 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
L4993
Package and packing information
25/30
Table 11.
SO-8 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
1.75
A1
0.10
0.25
A2
1.25
b
0.28
0.48
c
0.17
0.23
D(1)
4.80
4.90
5.00
E
5.80
6.00
6.20
E1(2)
3.80
3.90
4.00
e1.27
h
0.25
0.50
L
0.40
1.27
L1
1.04
k0°
ccc
0.10
1.
Dimensions D does not include mold flash, protrusions or gate burrs. Mold flash, potrusions or gate burrs
shall not exceed 0.15mm in total (both side).
2.
Dimension “E1” does not include interlead flash or protrusions. Interlead flash or protrusions shall not
exceed 0.25mm per side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com