Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4993MDTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4993MDTR
Description  Low drop voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993MDTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4993MDTR Datasheet HTML 3Page - STMicroelectronics L4993MDTR Datasheet HTML 4Page - STMicroelectronics L4993MDTR Datasheet HTML 5Page - STMicroelectronics L4993MDTR Datasheet HTML 6Page - STMicroelectronics L4993MDTR Datasheet HTML 7Page - STMicroelectronics L4993MDTR Datasheet HTML 8Page - STMicroelectronics L4993MDTR Datasheet HTML 9Page - STMicroelectronics L4993MDTR Datasheet HTML 10Page - STMicroelectronics L4993MDTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
L4993
Electrical specifications
7/30
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Note:
Maximum ratings are absolute ratings; exceeding any one of these values may cause
permanent damage to the integrated circuit.
2.2
Thermal data
For details, please refer to Section 4.1: SO-8 thermal data and Section 4.2: SO-20 thermal
data.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VVsdc
DC supply voltage
-0.3 to 40
V
IVsdc
Input current
Internally limited
VVo
DC output voltage
-0.3 to 6
V
IVo
DC output current
Internally limited
VWi
Watchdog input voltage
-0.3 to VVo + 0.3
V
Vod
Open drain output voltage
-0.3 to VVo + 0.3
V
Iod
Open drain output current
Internally limited
Vcr
Reset delay voltage
-0.3 to VVo + 0.3
V
Vcw
Watchdog delay voltage
-0.3 to VVo + 0.3
V
VWEn
Watchdog Enable input voltage
-0.3 to VVo +0.3
V
Tj
Junction temperature
-40 to 150
°C
VESD
ESD voltage level (HBM-MIL STD 883C)
±2
kV
VESD
ESD voltage level (CDM AEC-Q100-011)
750
V
Table 4.
Thermal data(1)
1.
The values quoted are for PCB FR4 area= 58mm x 58mm, PCB thickness = 2mm, Cu thickness = 35µm ,
Copper areas: SO-8= 2 cm2, SO-20= 6 cm2.
Symbol
Parameter
Value
Unit
Rth-jamb
Thermal resistance Junction to Ambient:
SO-8
SO-20
130
51
°C/W
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com