Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE22V10 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # PALCE22V10
Description  Flash Erasable, Reprogrammable CMOS PAL짰 Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PALCE22V10 Datasheet(HTML) 2 Page - Cypress Semiconductor

  PALCE22V10 Datasheet HTML 1Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 2Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 3Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 4Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 5Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 6Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 7Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 8Page - Cypress Semiconductor PALCE22V10 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PALCE22V10
Document #: 38-03027 Rev. **
Page 2 of 13
Functional Description (continued)
The PALCE22V10 is executed in a 24-pin 300-mil molded DIP,
a 300-mil cerDIP, a 28-lead square ceramic leadless chip car-
rier, a 28-lead square plastic leaded chip carrier, and provides
up to 22 inputs and 10 outputs. The PALCE22V10 can be elec-
trically erased and reprogrammed. The programmable macro-
cell provides the capability of defining the architecture of each
output individually. Each of the 10 potential outputs may be
specified as “registered” or “combinatorial.” Polarity of each
output may also be individually selected, allowing complete
flexibility of output configuration. Further configurability is pro-
vided through “array” configurable “output enable” for each po-
tential output. This feature allows the 10 outputs to be recon-
figured as inputs on an individual basis, or alternately used as
a combination I/O controlled by the programmable array.
PALCE22V10 features a variable product term architecture.
There are 5 pairs of product term sums beginning at 8 product
terms per output and incrementing by 2 to 16 product terms
per output. By providing this variable structure, the PALCE
22V10 is optimized to the configurations found in a majority of
applications without creating devices that burden the product
term structures with unusable product terms and lower perfor-
mance.
Additional features of the Cypress PALCE22V10 include a
synchronous preset and an asynchronous reset product term.
These product terms are common to all macrocells, eliminat-
ing the need to dedicate standard product terms for initializa-
tion functions. The device automatically resets upon pow-
er-up.
The PALCE22V10, featuring programmable macrocells and
variable product terms, provides a device with the flexibility to
implement logic functions in the 500- to 800-gate-array com-
plexity. Since each of the 10 output pins may be individually
configured as inputs on a temporary or permanent basis, func-
tions requiring up to 21 inputs and only a single output and
down to 12 inputs and 10 outputs are possible. The 10 poten-
tial outputs are enabled using product terms. Any output pin
may be permanently selected as an output or arbitrarily en-
abled as an output and an input through the selective use of
individual product terms associated with each output. Each of
these outputs is achieved through an individual programmable
macrocell. These macrocells are programmable to provide a
combinatorial or registered inverting or non-inverting output. In
a registered mode of operation, the output of the register is fed
back into the array, providing current status information to the
array. This information is available for establishing the next
result in applications such as control state machines. In a com-
binatorial configuration, the combinatorial output or, if the out-
put is disabled, the signal present on the I/O pin is made avail-
able
to
the
array.
The
flexibility
provided
by
both
programmable product term control of the outputs and variable
product terms allows a significant gain in functional density
through the use of programmable logic.
Along with this increase in functional density, the Cypress
PALCE22V10 provides lower-power operation through the use
of CMOS technology, and increased testability with Flash re-
programmability.
Selection Guide
Generic Part Number
tPD ns
tS ns
tCO ns
ICC mA
Com’l
Mil/Ind
Com’l
Mil/Ind
Com’l
Mil/Ind
Com’l
Mil/Ind
PALCE22V10-5
5
3
4
130
PALCE22V10-7
7.5
5
5
130
PALCE22V10-10
10
10
6
6
7
7
90
150
PALCE22V10-15
15
15
10
10
8
8
90
120
PALCE22V10-25
25
25
15
15
15
15
90
120
Configuration Table
Registered/Combinatorial
C1
C0
Configuration
0
0
Registered/Active LOW
0
1
Registered/Active HIGH
1
0
Combinatorial/Active LOW
1
1
Combinatorial/Active HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com