Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICS-2610 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MICS-2610
Description  O3 Gas Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MICS-2610 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MICS-2610 Datasheet HTML 1Page - List of Unclassifed Manufacturers MICS-2610 Datasheet HTML 2Page - List of Unclassifed Manufacturers MICS-2610 Datasheet HTML 3Page - List of Unclassifed Manufacturers MICS-2610 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroChemical
Systems
P RELIMINARY
D ATA
S HEET
MiCS-2610 Preliminary Data Sheet Rev 2
Page 3 of 4
Electrical Specifications
Maximum Ratings:
Rating
Symbol
Value / Range
Unit
Maximum Heater Voltage
VH
2.5
V
Maximum Sensor Supply Voltage
VCC
5
V
Maximum Heater Power Dissipation
PH
90
mW
Maximum Sensor Power Dissipation
PS
1
mW
Relative Humidity Range
RH
15
−
95
%RH
Ambient Operating Temperature
Tamb
0
−
50
°C
Storage Temperature Range
Tsto
-40
−
+70
°C
Storage Humidity Range
RHsto
15
−
95
%RH
Table 1
Operating Conditions:
Parameter
Symbol
Typ
Min
Max
Unit
Heating Voltage,
VH
2.35
2.30
2.40
V
Heating Current,
IH
34
28
36
mA
Heating Power,
[1]
PH
80
65
87
mW
Heating Resistance,
RH
69
66
81
Ω
Table 2
[1]
Min and Max values for the heating power are obtained by combining VH, min. with RH, max and VH, max. with RH, min, respectively.
Sensitivity Characteristics:
Characteristic
Symbol
Typ
Min
Max
Unit
O3 Detection Range
FS
10
10000
ppb
Sensing Resistance at 50 ppm
RS
70*
20*
200*
k
Ω
Sensing Resistance at 100 ppm
RS
140*
40*
400*
k
Ω
Sensitivity Factor
[2]
SR
2.0*
1.5*
4.0*
-
Table 3
[2]
Sensitivity Factor SR is defined as RS at 100ppb of O3 divided by RS at 50ppb of O3. Test conditions are 50±5 %RH and
25±2°C.
*
Values are subject to changes before the final datasheet is published.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com