Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

154N-001G-R Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 154N-001G-R
Description  Compensated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

154N-001G-R Datasheet(HTML) 4 Page - TE Connectivity Ltd

  154N-001G-R Datasheet HTML 1Page - TE Connectivity Ltd 154N-001G-R Datasheet HTML 2Page - TE Connectivity Ltd 154N-001G-R Datasheet HTML 3Page - TE Connectivity Ltd 154N-001G-R Datasheet HTML 4Page - TE Connectivity Ltd 154N-001G-R Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
154N
Digital Output Pressure Sensor
TE CONNECTIVITY SENSORS /// 154NC
REVA 10/2021
Page 4
RECOMMENDED MOUNTING DIMENSIONS
APPLICATION SCHEMATIC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com