| Electronic Components Datasheet Search |
|
154N-300A-R Datasheet(PDF) 2 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
154N-300A-R Datasheet(HTML) 2 Page - TE Connectivity Ltd |
|
2 / 5 page ![]() 154N Digital Output Pressure Sensor TE CONNECTIVITY SENSORS /// 154NC REVA 10/2021 Page 2 SPECIFICATIONS Unless otherwise specified, Supply Current: 1.5mA; Ambient Temperature: 25°C PARAMETERS ≤005PSI ≥015PSI UNITS NOTES MIN TYP MAX MIN TYP MAX Span 50 100 150 75 100 150 mV 1 Zero Pressure Output -2.0 0 2.0 -1.0 0 1.0 mV 2 Pressure Non Linearity 1psi: -0.30 to 0.30 5psi: -0.20 to 0.20 -0.10 - 0.10 %Span 3 Pressure Hysteresis -0.10 ±0.02 0.10 -0.05 ±0.02 0.05 %Span Repeatability - ±0.02 - - ±0.02 - %Span Input Resistance 2.0 3.5 6.5 2.0 3.5 5.8 KΩ Output Resistance 4.0 - 7.0 4.0 - 6.0 KΩ Temperature Error – Span -1.0 - 1.0 -0.75 - 0.75 %Span 4 Temperature Error – Offset -1.0 - 1.0 15psi: -0.75 to 0.75 >15psi: -0.50 to 0.50 %Span 4 Thermal Hysteresis – Span -0.25 ±0.05 0.25 -0.25 ±0.05 0.25 %Span 4 Thermal Hysteresis – Offset -0.25 ±0.05 0.25 -0.25 ±0.05 0.25 %Span 4 Long Term Stability – Span - ±0.10 - - ±0.10 - %Span/Year Long Term Stability – Offset - ±0.25 - - ±0.10 - %Span/Year Supply Current 0.5 1.5 2.0 0.5 1.5 2.0 mA 5 Output Load Resistance 5 - - 5 - - MΩ 6 Insulation Resistance (50VDC) 50 - - 50 - - MΩ 7 Output Noise (10Hz to 1KHz) - 1.0 - - 1.0 - µV p-p Response Time (10% to 90%) - 0.1 - - 0.1 - ms Pressure Overload 1psi: 10X max 5psi: 3X max - - 3X Rated Pressure Burst 1psi: 12X max 5psi: 4X max - - 4X Rated 8 Compensated Temperature 1psi: 0 to 50 5psi: 0 to 70 -20 - 85 °C Operating Temperature -20 - 70 -40 - 125 ºC 9 Storage Temperature -50 - 125 -50 - 125 ºC 9 Media – Pressure Port Liquids and Gases compatible with 316/316L Stainless Steel Notes 1. For amplified output circuits, 3.012V ±1% interchangeability with gain set resistor. See application schematic. 2. Measured at vacuum for absolute (A), ambient for gage (G). 3. Best fit straight line. 4. Over the compensated temperature range with respect to 25°C. 5. Guarantees output/input ratiometricity. 6. Load resistance to reduce measurement errors due to output loading. 7. Between case and sensing element. 8. The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer. 9. Maximum temperature range for product with standard cable and connector is -20°C to +105°C. 10. Standard gage units are not recommended for vacuum applications. For vacuum applications below 1/2 atmosphere, consult factory. 11. Device Marking: Each part shall be identified with Model Number, Pressure Range, Type, Lot Number, Serial Number and Date Code. 12. Shipping/Packaging requirements: The stainless steel diaphragm is protected by a plastic CAP. Each unit will be packaged individually in a plastic vial with anti-static foam. 13. Direct mechanical Contact with diaphragm is prohibited. Diaphragm surface must remain free of defects (scratches, punctures, dents, fingerprints, etc) for device to operate properly. Caution is advised when handling parts with exposed diaphragms. Use protective cap whenever devices are not in use |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |