Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3407CI Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP3407CI
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP3407CI Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP3407CI Datasheet HTML 1Page - A POWER MICROELECTRONICS AP3407CI Datasheet HTML 2Page - A POWER MICROELECTRONICS AP3407CI Datasheet HTML 3Page - A POWER MICROELECTRONICS AP3407CI Datasheet HTML 4Page - A POWER MICROELECTRONICS AP3407CI Datasheet HTML 5Page - A POWER MICROELECTRONICS AP3407CI Datasheet HTML 6Page - A POWER MICROELECTRONICS AP3407CI Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP3407CI
-30V P-Channel Enhancement Mode MOSFET
AP3407CI RVE1.0
永源微電子科技有限公司
Description
The AP3407CI uses advanced Trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -30V ID =-3.6A
RDS(ON) < 85mΩ @ VGS=10V (Type:70mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP3407CI
SOT23L
3407C-AP
3000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
-30
V
VGSS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ -10V1
-4.8
A
ID@TC=100
℃
Continuous Drain Current, VGS @ -10V1
-3.3
A
IDM
Pulsed Drain Current note1
-20.4
A
PD
Power Dissipation TA = 25
℃
2.15
W
RθJA
Thermal Resistance, Junction to Ambient
104
℃/W
RθJC
Thermal Resistance from Junction to Ambient2
125
℃/W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
℃


Similar Part No. - AP3407CI

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
logo
BCD Semiconductor Manuf...
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
A POWER MICROELECTRONIC...
AP3407AI-L APME-AP3407AI-L Datasheet
697Kb / 7P
-30V P-Channel Enhancement Mode MOSFET
REV1.0
logo
BCD Semiconductor Manuf...
AP3407AKTR-G1 BCDSEMI-AP3407AKTR-G1 Datasheet
336Kb / 11P
1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Diodes Incorporated
AP3407AKTR-G1 DIODES-AP3407AKTR-G1 Datasheet
279Kb / 10P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
More results

Similar Description - AP3407CI

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com