Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34116 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M34116
Description  PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34116 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M34116 Datasheet HTML 8Page - STMicroelectronics M34116 Datasheet HTML 9Page - STMicroelectronics M34116 Datasheet HTML 10Page - STMicroelectronics M34116 Datasheet HTML 11Page - STMicroelectronics M34116 Datasheet HTML 12Page - STMicroelectronics M34116 Datasheet HTML 13Page - STMicroelectronics M34116 Datasheet HTML 14Page - STMicroelectronics M34116 Datasheet HTML 15Page - STMicroelectronics M34116 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
M34116 INSTRUCTION SET (continued)
INSTRUCTION 6: M34116 STATUS
The Status instruction can be used to read the contents of the instruction register and of the tone and
melody registers.
Two byte are needed:
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
C5
C4
C3
C2
C1
C0
01
10
0
110
y C5–C0: Channel number (0–63)
After sending this instruction a variable number of Read can be sent depending on the type of operation
that performs the channel (conference, transparent, tone, or melody). The first 3 Read, common to all
type of operation, will send on the Data Bus the following data relative to the channel (C5–C0):
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
1
IT
PT
P4
P3
P2
P1
P0
0
0
0
1
AI4
AI3
AI2
AI1
AI0
0
0
0
1
AO4
AO3
AO2
AO1
AO0
Note:
P4–P0 = 0 means that the channel is disconnected so any following data read is meaningless.
P4–P0 = 1 to 29 is the conference number.
P4–P0 = 30 means that the channel operation is Tone or Melody.
P4–P0 = 31 means that the channel operation is transparent connection.
If the channel operation is Tone or Melody (P4 – P0 = 30) then the subsequent Read will send on the
Data Bus the couples of Step/Time:
Control Signal
Data Bus
CS
RD
C/D
WR
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
1
S17
S16
S15
S14
S13
S12
S11
S10
0
0
0
1
T17
T16
T15
T14
T13
T12
T11
T10
0
0
0
1
S27
S26
S25
S24
S23
S22
S21
S20
0
0
0
1
T27
T26
T25
T24
T23
T22
T21
T20
::
:
::::::
:::
Notes:
–Tone and Melody status reading ends if an all 1’s Step value is found, otherwise the reading is cyclic.
–The minimum time from the rising edge of the WR (with opcode) to the falling edge of first RD is 4clock
periods (6clock periods if E = 1) unless the selected channel has been disconnected. In this case, one
time frame must exist between the disconnect command and the read status command. The RD period
is minimum 4clock periods (6clock periods if E = 1).
– for both modes (M34116 and M116) the minimum time between two successive rising edges of the
WR with opcode (C/D = 1) is 4clock periods (6clock periods if E = 1).
E: Extra bit indication in ”Operating mode” instruction.
M34116
12/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com