Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4422ACT Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4422ACT
Description  9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4422ACT Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4422ACT Datasheet HTML 1Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 2Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 3Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 4Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 5Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 6Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 7Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 8Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC4421A/4422A
9A Peak Low-Side MOSFET Driver
Bipolar/CMOS/DMOS Process
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 2007
M9999-062707
General Description
MIC4421A and MIC4422A MOSFET drivers are rugged,
efficient, and easy to use. The MIC4421A is an inverting
driver, while the MIC4422A is a non-inverting driver.
Both versions are capable of 9A (peak) output and can
drive the largest MOSFETs with an improved safe
operating margin. The MIC4421A/4422A accepts any logic
input from 2.4V to VS without external speed-up capacitors
or resistor networks. Proprietary circuits allow the input to
swing negative by as much as 5V without damaging the
part. Additional circuits protect against damage from
electrostatic discharge.
MIC4421A/4422A drivers can replace three or more
discrete components, reducing PCB area requirements,
simplifying product design, and reducing assembly cost.
Modern Bipolar/CMOS/DMOS construction guarantees
freedom from latch-up. The rail-to-rail swing capability of
CMOS/DMOS insures adequate gate voltage to the
MOSFET during power up/down sequencing. Since these
devices are fabricated on a self-aligned process, they have
very low crossover current, run cool, use little power, and
are easy to drive.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• High peak-output current: 9A Peak (typ.)
• Wide operating range: 4.5V to 18V (typ.)
• Minimum pulse width: 50ns
• Latch-up proof: fully isolated process is inherently
immune to any latch-up
• Input will withstand negative swing of up to 5V
• High capacitive load drive: 47,000pF
• Low delay time: 15ns (typ.)
• Logic high input for any voltage from 2.4V to VS
• Low equivalent input capacitance: 7pF (typ.)
• Low supply current: 500µA (typ.)
• Output voltage swing to within 25mV of GND or VS
Applications
• Switch mode power supplies
• Motor controls
• Pulse transformer driver
• Class-D switching amplifiers
• Line drivers
• Driving MOSFET or IGBT parallel chip modules
• Local power ON/OFF switch
• Pulse generators
___________________________________________________________________________________________________________
Typical Application
On
Off
VS
OUT
OUT
MIC4422A
1µF
Si9410DY*
N-Channel
MOSFET
Load
Voltage
6
17
0.1µF
VS
GND
IN
8
2
4,5
VS
+15V
0.1µF
* Siliconix 30m, 7A max.
† Load voltage limited by MOSFET drain-to-source rating
Low-Side Power Switch


Similar Part No. - MIC4422ACT

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC4422ACT MIC-MIC4422ACT Datasheet
399Kb / 13P
High peak-output current: 9A Peak (typ.)
More results

Similar Description - MIC4422ACT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
SHD850003D SENSITRON-SHD850003D Datasheet
57Kb / 3P
3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Microchip Technology
MIC4420 MICROCHIP-MIC4420 Datasheet
2Mb / 26P
6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com