Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4409B Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP4409B
Description  -30V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4409B Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP4409B Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4409B Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4409B Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4409B Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4409B Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4409B Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4409B Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP4409B
-30V P-Channel Enhancement Mode MOSFET
AP4409B REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25
℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
ID = -250mA, VGS = 0V
-30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = -30V, VGS = 0V
-
-
1.0
mA
IGSS
Gate-Body Leakage Current
VDS = 0V, VGS = ±20V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250mA
-1.0
-1.8
-2.5
V
RDS(ON)
Static Drain-Source ON-Resistance(4)
VGS = -10V, ID = -15A
-
6.2
8.0
mΩ
VGS = -4.5V, ID = -10A
-
7.5
10
mΩ
Ciss
Input Capacitance
VGS = 0V, VDS = -15V, f =
1MHz
-
3366
-
pF
Coss
Output Capacitance
-
471
-
pF
Crss
Reverse Transfer Capacitance
-
324
-
pF
Qg
Total Gate Charge
VGS = 0 to -10V VDS = -
15V, ID = -10A
-
59
-
nC
Qgs
Gate Source Charge
-
10
-
nC
Qgd
Gate Drain("Miller") Charge
-
14
-
nC
td(on)
Turn-On DelayTime
VGS = -10V, VDD = -15V
ID= -10A, RGEN = 3W
-
7
-
ns
tr
Turn-On Rise Time
-
6
-
ns
td(off)
Turn-Off DelayTime
-
112
-
ns
tf
Turn-Off Fall Time
-
78
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
-15
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
-60
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, IS = -15A
-
-
-1.2
V
trr
Body Diode Reverse Recovery Time
IF = -10A, di/dt = 100A/us
-
21
-
ns
Qrr
Body Diode Reverse Recovery Charge
-
10
-
nC
Note :
1、The data tested by surface mounted on a 1 inch 2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width .The EAS data shows Max. rating .
3、The power dissipation is limited by 175
℃ junction temperature
4、EAS condition: TJ=25
℃, VDD= -24V, VG= -10V, RG=7Ω, L=0.1mH, IAS= -40A
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com