Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6420 Datasheet(PDF) 28 Page - Texas Instruments

Part # ISO6420
Description  ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6420 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO6420 Datasheet HTML 24Page - Texas Instruments ISO6420 Datasheet HTML 25Page - Texas Instruments ISO6420 Datasheet HTML 26Page - Texas Instruments ISO6420 Datasheet HTML 27Page - Texas Instruments ISO6420 Datasheet HTML 28Page - Texas Instruments ISO6420 Datasheet HTML 29Page - Texas Instruments ISO6420 Datasheet HTML 30Page - Texas Instruments ISO6420 Datasheet HTML 31Page - Texas Instruments ISO6420 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
9.2.1 Design Requirements
To design with these devices, use the parameters listed in Table 9-1.
Table 9-1. Design Parameters
PARAMETER
VALUE
Supply voltage, VCC1 and VCC2
2.25V to 5.5V
Decoupling capacitor between VCC1 and GND1
0.1µF
Decoupling capacitor from VCC2 and GND2
0.1µF
9.2.2 Detailed Design Procedure
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
the ISO642x family of devices only require two external bypass capacitors to operate.
1
2
3
4
8
7
6
5
INB
OUTA
OUTB
INA
VCC2
0.5mm maximum
from VCC2
GND2
0.5mm maximum
from VCC1
GND1
VCC1
0.1µF
0.1µF
Figure 9-2. Typical ISO642x Circuit
ISO6420, ISO6421
SLLSG12A – AUGUST 2025 – REVISED MARCH 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6420 ISO6421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com