Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6440F Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO6440F
Description  ISO644x General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6440F Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO6440F Datasheet HTML 17Page - Texas Instruments ISO6440F Datasheet HTML 18Page - Texas Instruments ISO6440F Datasheet HTML 19Page - Texas Instruments ISO6440F Datasheet HTML 20Page - Texas Instruments ISO6440F Datasheet HTML 21Page - Texas Instruments ISO6440F Datasheet HTML 22Page - Texas Instruments ISO6440F Datasheet HTML 23Page - Texas Instruments ISO6440F Datasheet HTML 24Page - Texas Instruments ISO6440F Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Insulation Characteristics Curves for SSOP (DBQ-16) Package
Ambient Temperature (°C)
0
20
40
60
80
100
120
140
0
40
80
120
160
200
240
280
320
360
400
VCC = 5.5V
VCC = 3.6V
VCC = 2.75V
Figure 6-5. Thermal Derating Curve for Safety
Limiting Current for SSOP (DBQ-16) Package
Ambient Temperature (°C)
0
20
40
60
80
100
120
140
0
150
300
450
600
750
900
1050
Figure 6-6. Thermal Derating Curve for Safety
Limiting Power for SSOP (DBQ-16) Package
www.ti.com
ISO6440, ISO6441, ISO6442
SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO6440 ISO6441 ISO6442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com