Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6441F Datasheet(PDF) 26 Page - Texas Instruments

Part # ISO6441F
Description  ISO644x General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6441F Datasheet(HTML) 26 Page - Texas Instruments

Back Button ISO6441F Datasheet HTML 22Page - Texas Instruments ISO6441F Datasheet HTML 23Page - Texas Instruments ISO6441F Datasheet HTML 24Page - Texas Instruments ISO6441F Datasheet HTML 25Page - Texas Instruments ISO6441F Datasheet HTML 26Page - Texas Instruments ISO6441F Datasheet HTML 27Page - Texas Instruments ISO6441F Datasheet HTML 28Page - Texas Instruments ISO6441F Datasheet HTML 29Page - Texas Instruments ISO6441F Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
8 Detailed Description
8.1 Overview
The ISO644x family of devices have an ON-OFF keying (OOK) modulation scheme to transmit the digital data
across a silicon dioxide based isolation barrier.
The transmitter sends a high frequency carrier across the barrier to represent one digital state and sends no
signal to represent the other digital state. The receiver demodulates the signal after advanced signal conditioning
and produces the output through a buffer stage. The ISO644x devices also incorporate advanced circuit
techniques to maximize the CMTI performance and minimize the radiated emissions due to the high frequency
carrier and IO buffer switching.
8.2 Functional Block Diagram
INx
Oscillator
OOK
Modulation
Transmitter
Emissions
Reduction
Circuit
TX Signal
Conditioning
Envelope
Detection
RX Signal
Conditioning
Receiver
ENx
OUTx
Isolation
Barrier
Figure 8-1. Conceptual Block Diagram of an OOK Based Digital Isolator
Figure 8-2 shows a conceptual detail of how the ON-OFF keying scheme works.
TX IN
RX OUT
Carrier signal through
isolation barrier
Figure 8-2. On-Off Keying (OOK) Based Modulation Scheme
ISO6440, ISO6441, ISO6442
SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO6440 ISO6441 ISO6442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com