Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9926C Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP9926C
Description  20V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP9926C Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP9926C Datasheet HTML 1Page - A POWER MICROELECTRONICS AP9926C Datasheet HTML 2Page - A POWER MICROELECTRONICS AP9926C Datasheet HTML 3Page - A POWER MICROELECTRONICS AP9926C Datasheet HTML 4Page - A POWER MICROELECTRONICS AP9926C Datasheet HTML 5Page - A POWER MICROELECTRONICS AP9926C Datasheet HTML 6Page - A POWER MICROELECTRONICS AP9926C Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP9926C
20V N+N-Channel Enhancement Mode MOSFET
AP9926C RVE1.0
永源微電子科技有限公司
Description
The AP9926C uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 20V ID =4.2A
RDS(ON) < 50mΩ @ VGS=10V (Type:42mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP9926C
SOP-8L
AP9926C XXX YYYY
3000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±
12
V
ID@TA=25℃
Continuous Drain Current, VGS @ 4.5V1
4.2
A
ID@TA=70℃
Continuous Drain Current, VGS @ 4.5V1
2.8
A
IDM
Pulsed Drain Current2
16
A
PD@TA=25℃
Total Power Dissipation3
1
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-ambient 1
125
℃
/W
RθJC
Thermal Resistance Junction-Case1
80
℃
/W


Similar Part No. - AP9926C

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
AP9926 ZPSEMI-AP9926 Datasheet
371Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
A POWER MICROELECTRONIC...
AP9926A APME-AP9926A Datasheet
1Mb / 7P
20V NN-Channel Enhancement Mode MOSFET
REV1.0
AP9926B APME-AP9926B Datasheet
1Mb / 7P
20V NN-Channel Enhancement Mode MOSFET
REV1.0
logo
Advanced Power Electron...
AP9926EM-A A-POWER-AP9926EM-A Datasheet
71Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP9926EO ETC1-AP9926EO Datasheet
82Kb / 6P
Power MOSFETs from APEC provide the designer with the best combination of fast switching
More results

Similar Description - AP9926C

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW12H02TS YFWDIODE-YFW12H02TS Datasheet
1Mb / 6P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205A-14TS YFWDIODE-YFW8205A-14TS Datasheet
2Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205A-21TS YFWDIODE-YFW8205A-21TS Datasheet
3Mb / 6P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205LI YFWDIODE-YFW8205LI Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8808CF YFWDIODE-YFW8808CF Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8809CF YFWDIODE-YFW8809CF Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8810E-11TS YFWDIODE-YFW8810E-11TS Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8814LI YFWDIODE-YFW8814LI Datasheet
2Mb / 7P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW9926S YFWDIODE-YFW9926S Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW9928S YFWDIODE-YFW9928S Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com