| Electronic Components Datasheet Search |
|
ISO6440FDFPR Datasheet(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6440FDFPR Datasheet(HTML) 27 Page - Texas Instruments |
|
27 / 56 page ![]() 8.3 Feature Description Table 8-1 provides an overview of the device features. Table 8-1. Device Features PART NUMBER CHANNEL DIRECTION MAXIMUM DATA RATE DEFAULT OUTPUT PACKAGE ISO6440 4 Forward 0 Reverse 150Mbps High DW-16 , DFP-16 , DBQ-16 ISO6440F 4 Forward 0 Reverse 150Mbps Low DW-16 , DFP-16 , DBQ-16 ISO6441 3 Forward 1 Reverse 150Mbps High DW-16 , DFP-16 , DBQ-16 ISO6441F 3 Forward 1 Reverse 150Mbps Low DW-16 , DFP-16 , DBQ-16 ISO6442 2 Forward 2 Reverse 150Mbps High DW-16 , DFP-16 , DBQ-16 ISO6442F 2 Forward 2 Reverse 150Mbps Low DW-16 , DFP-16 , DBQ-16 8.3.1 Electromagnetic Compatibility (EMC) Considerations Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge (ESD), electrical fast transient (EFT), surge and electromagnetic emissions. These electromagnetic disturbances are defined and tested by international standards such as IEC 61000-4-x and CISPR 32. Although system-level performance and reliability depends, to a large extent, on the application board design and layout, the ISO644x family of devices incorporates many chip-level design techniques to help overall system robustness. 8.4 Device Functional Modes The following table lists the functional modes for the ISO644x devices. Table 8-2. Function Table VCCI(1) VCCO INPUT (INx) OUTPUT ENABLE (ENx) OUTPUT (OUTx) COMMENTS PU PU H H or open H Normal Operation: A channel output assumes the logic state of the input. L H or open L Open H or open Default Default mode: When INx is open, the corresponding channel output goes to the default logic state. Default is High for ISO644x and Low for ISO644xF (with F suffix). X PU X L Z A low value of output enable causes the outputs to be high- impedance. PD PU X H or open Default Default mode: When VCCI is unpowered, a channel output assumes the logic state based on the selected default option. Default is High for ISO644x and Low for ISO644xF (with F suffix). When VCCI transitions from unpowered to powered-up, a channel output assumes the logic state of the input. When VCCI transitions from powered-up to unpowered, channel output assumes the selected default state. X PD X X Undetermined When VCCO is unpowered, a channel output is undetermined(2). When VCCO transitions from unpowered to powered-up, a channel output assumes the logic state of the input. (1) VCCI = Input-side VCC; VCCO = Output-side VCC; PU = Powered up (VCC ≥ VCC_RO(MIN)); PD = Powered down (VCC ≤ VCC_UVLO–); X = Irrelevant; H = High level; L = Low level; Z = High Impedance (2) The outputs are in undetermined state when VCC_UVLO– ≤ VCCI or VCCO < VCC ≥ VCC_RO(MIN). www.ti.com ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 27 Product Folder Links: ISO6440 ISO6441 ISO6442 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |