| Electronic Components Datasheet Search |
|
ISO6441FDFPR Datasheet(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6441FDFPR Datasheet(HTML) 26 Page - Texas Instruments |
|
26 / 56 page ![]() 8 Detailed Description 8.1 Overview The ISO644x family of devices have an ON-OFF keying (OOK) modulation scheme to transmit the digital data across a silicon dioxide based isolation barrier. The transmitter sends a high frequency carrier across the barrier to represent one digital state and sends no signal to represent the other digital state. The receiver demodulates the signal after advanced signal conditioning and produces the output through a buffer stage. The ISO644x devices also incorporate advanced circuit techniques to maximize the CMTI performance and minimize the radiated emissions due to the high frequency carrier and IO buffer switching. 8.2 Functional Block Diagram INx Oscillator OOK Modulation Transmitter Emissions Reduction Circuit TX Signal Conditioning Envelope Detection RX Signal Conditioning Receiver ENx OUTx Isolation Barrier Figure 8-1. Conceptual Block Diagram of an OOK Based Digital Isolator Figure 8-2 shows a conceptual detail of how the ON-OFF keying scheme works. TX IN RX OUT Carrier signal through isolation barrier Figure 8-2. On-Off Keying (OOK) Based Modulation Scheme ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 www.ti.com 26 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: ISO6440 ISO6441 ISO6442 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |