Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XISO6440FDFPR Datasheet(PDF) 7 Page - Texas Instruments

Part # XISO6440FDFPR
Description  ISO644x General-Purpose, Basic and Reinforced, Quad-Channel Digital Isolators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XISO6440FDFPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button XISO6440FDFPR Datasheet HTML 3Page - Texas Instruments XISO6440FDFPR Datasheet HTML 4Page - Texas Instruments XISO6440FDFPR Datasheet HTML 5Page - Texas Instruments XISO6440FDFPR Datasheet HTML 6Page - Texas Instruments XISO6440FDFPR Datasheet HTML 7Page - Texas Instruments XISO6440FDFPR Datasheet HTML 8Page - Texas Instruments XISO6440FDFPR Datasheet HTML 9Page - Texas Instruments XISO6440FDFPR Datasheet HTML 10Page - Texas Instruments XISO6440FDFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC_RO (1)
Supply Voltage Side 1
(Recommended Operating
Range)
VCC1 = 2.5V to 5V (3)
2.25
5.5
V
Supply Voltage Side
2 (Recommended Operating
Range)
VCC2 = 2.5V to 5V (3)
2.25
5.5
V
VCC_UVLO+
VCC UVLO threshold when supply voltage is rising
2.24
V
VCC_UVLO–
VCC UVLO threshold when supply voltage is falling
1.6
V
VCC_UVLO_HYS VCC Supply voltage UVLO hysteresis
0.1
V
VIH(ENx)
Enable: High level Input voltage
Enable: High level Input voltage
0.7 × VCCI
(2)
VCCI
V
VIL(ENx)
Enable: Low level Input voltage
Enable: Low level Input voltage
0
0.3 × VCCI
V
VIH(INx)
Input: High level Input voltage
0.7 × VCCI
(2)
VCCI
V
VIL(INx)
Input: Low level Input voltage
0
0.3 × VCCI
V
IOH
Output: High level output current
VCCO = 5V (2)
-4
mA
VCCO = 3.3V (2)
-2
mA
VCCO = 2.5V (2)
-1
mA
IOL
Output: Low level output current
VCCO = 5V (2)
4
mA
VCCO = 3.3V (2)
2
mA
VCCO = 2.5V (2)
1
mA
DR
Data Rate
3.0V ≤ VCCx ≤ 5.5V and CL≤
15pF(4)
0
150
Mbps
2.25V ≤ VCCx < 3V and CL≤
10pF(4)
0
150
Mbps
2.25V ≤ VCCx < 3V and 10pF <
CL≤ 15pF(4)
0
100
Mbps
TA
Ambient temperature
-40
25
125
°C
(1)
VCC1 and VCC2 can be set independent of one another
(2)
VCCI = Input-side VCC; VCCO = Output-side VCC
(3)
The channel outputs are in undetermined state when VCC_UVLO– ≤ VCC1, VCC2 < VCC_RO(MIN).
(4)
See Section 7 .
6.4 Thermal Information
THERMAL METRIC(1)
UNIT
PACKAGE
PINS
RθJA
RθJC(top)
RθJB
ψJT
ψJB
RθJC(bot)
DW (Wide-SOIC)
16
83
48.5
49
28
48.4
NA
°C/W
DFP (Wide-SSOP)
16
113.3
63.6
75.6
32.5
74.4
NA
°C/W
DBQ (SSOP)
16
117.8
60
69.8
29.9
69
NA
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
www.ti.com
ISO6440, ISO6441, ISO6442
SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISO6440 ISO6441 ISO6442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com