| Electronic Components Datasheet Search |
|
XISO6442DFPR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XISO6442DFPR Datasheet(HTML) 5 Page - Texas Instruments |
|
5 / 56 page ![]() Table 5-1. Pin Functions PIN Type(1) DESCRIPTION NAME ISO6441 , ISO6441F EN1 7 I Output enable 1. Output pins on side 1 are enabled when EN1 is high or open and in high-impedance state when EN1 is low. EN2 10 I Output enable 2. Output pins on side 2 are enabled when EN2 is high or open and in high-impedance state when EN2 is low. GND1 2,8 — Ground connection for VCC1 GND2 9,15 — Ground connection for VCC2 INA 3 I Input, channel A INB 4 I Input, channel B INC 5 I Input, channel C IND 11 I Input, channel D OUTA 14 O Output, channel A OUTB 13 O Output, channel B OUTC 12 O Output, channel C OUTD 6 O Output, channel D VCC1 1 — Power supply, side 1 VCC2 16 — Power supply, side 2 (1) I = Input, O = Output www.ti.com ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 5 Product Folder Links: ISO6440 ISO6441 ISO6442 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |