Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3488B1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M3488B1
Description  256 x 256 DIGITAL SWITCHING MATRIX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3488B1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M3488B1 Datasheet HTML 10Page - STMicroelectronics M3488B1 Datasheet HTML 11Page - STMicroelectronics M3488B1 Datasheet HTML 12Page - STMicroelectronics M3488B1 Datasheet HTML 13Page - STMicroelectronics M3488B1 Datasheet HTML 14Page - STMicroelectronics M3488B1 Datasheet HTML 15Page - STMicroelectronics M3488B1 Datasheet HTML 16Page - STMicroelectronics M3488B1 Datasheet HTML 17Page - STMicroelectronics M3488B1 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
No tes : 1. About mask bits Mi0 to Mi7 a logic ”0” level means disabling condition, a logic ”1” level means enabling condition.
2. A null mask or a RESET pulse clear the mask and the deep background mask registers and disable channel 0 extraction function.
3. Reading of OR2 is optional after mask store or redefinition, because function is activated only by not-null mask writing.
4. After mask store (N2 N1 N0) is the sum of activated channels, after DR is the sum of active channels ; Tn = 1/0 means activation/sup-
pression of the function after store while after DR only Tn = 1 can appear to tell a not-null configuration to be extracted.
5. Reading of OR2 is imperative after DR in order to step the data transfer ; reading of OR1 is also needed to scan in descending order
the priority register. Relevant messages only are considered, that means only messages with a MSD label different from 0 1.
6. (P2 P1 P0) is the PCM bus on which the message copied in OR1 was found ; Fn is a continuation bit telling respectively on level 1/0
for any more/no more extraction step to be performed.
INSTRUCTION5: TRANSFER OF AN OUTPUT CHANNEL CONTROL WORD
Control Signals
Data Bus
Notes
Match C/D
CS
WR
RD
D7
D6
D5
D4
D3
D2
D1
D0
X
0
0
0
1
X
X
X
X
X
Bo2 Bo1 Bo0 1
st Data Byte: selected output bus.
X
0
0
0
1
X
X
X
Co4 Co3 Co2 Co1 Co0 2
nd Data Byte: selected output channel.
Yes
1
0
0
1
X
X
X
X
1
0
0
0
Instruction Opcode
Yes
0
0
1
0
C7
C6
C5
C4
C3
C2
C1
C0
OR1: CM selected CM word copy.
Yes
10
10
A7
(Bo2
A6
Bo1
A5
Bo0
C8
C8
1
1
0
0
0
0
0
0)
OR2: that is.
INSTRUCTION6: CHANNEL 0 SELECTION MASK STORE/DATA TRANSFER
Control Signals
Data Bus
Notes
Match C/D
CS
WR
RD
D7
D6
D5
D4
D3
D2
D1
D0
X
0
0
0
1
X
X
X
X
X
Mi7
Mi6
Mi5
1
st Data Byte: most sign. digits of
selection mask.
X
0
0
0
1
X
X
X
Mi4
Mi3
Mi2
Mi1
Mi0
2
nd Data Byte: least sign. digits of
selection mask.
Yes
1
0
0
1
X
X
X
X
1
1
1
0
Instruction Opcode
Mask store control
Yes
0
0
1
0
(previous content)
OR1: register is not affected.
Yes
1
0
1
0
N2
N1
N0
Tn
1
1
1
0
OR2: see below.
First Data Transfer (after DR going low)
Yes
0
0
1
0
(previous content)
OR1: register is not affected.
Yes
1
0
1
0
N2
N1
N0
Tn
1
1
1
0
OR2: see below.
Repeated Data Transfer (after first OR2 transfer)
Yes
0
0
1
0
S7
S6
S5
S4
S3
S2
S1
S0
OR1: expected message stored in SM.
Yes
1
0
1
0
P2
P1
P0
Fn
1
1
1
0
OR2: see below.
M3488 WITH LESS PCM LINKS THAN 32
CHANNELS
It is also possible to use M3488 when the PCM
frames are made up of a number of channels other
than 32.
Suppose that the PCM frames are made up of N-
Channels, which will be numbered from 0 to (N-1).
Each PCM frame will thus be made up of a number
of bits multiplied by 8 ; this exactly equal to (N
. 8).
Also, in this case, it is necessary to respect the tim-
ing relationshipbetween the different signals shown
on the data sheet ; in particular, a relation-ship is al-
ways carefully made between the rising edge of
SYNC and the first clock (CK) bit contained in the
slot time for bit 0 of channel 0.
In order to use M3488 with these frames, it is suffi-
cient, using the data bytes sent by the microproces-
sor, to modify the numbering of a few channels.
In particular :
a) in all instructions in which reference is made to the
input channel (N-1), the number 31 should be
substituted for the number (N-1) ;
b) in all instructions in which reference is made to the
output channel 0, the number N should be sub-
stituted for the number 0.
M3488
15/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com