Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34C02 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M34C02
Description  2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02 Datasheet(HTML) 4 Page - STMicroelectronics

  M34C02 Datasheet HTML 1Page - STMicroelectronics M34C02 Datasheet HTML 2Page - STMicroelectronics M34C02 Datasheet HTML 3Page - STMicroelectronics M34C02 Datasheet HTML 4Page - STMicroelectronics M34C02 Datasheet HTML 5Page - STMicroelectronics M34C02 Datasheet HTML 6Page - STMicroelectronics M34C02 Datasheet HTML 7Page - STMicroelectronics M34C02 Datasheet HTML 8Page - STMicroelectronics M34C02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
M34C02
4/19
Start Condition
START is identified by a high to low transition of
the SDA line while the clock, SCL, is stable in the
high state. A START condition must precede any
data transfer command. The memory device
continuously
monitors
(except
during
a
programming cycle) the SDA and SCL lines for a
START condition, and will not respond unless one
is given.
Stop Condition
STOP is identified by a low to high transition of the
SDA line while the clock SCL is stable in the high
state.
A
STOP
condition
terminates
communication between the memory device and
the bus master. A STOP condition at the end of a
Read command, provided that it is followed by a
NoAck, forces the memory device into its standby
state. A STOP condition at the end of a Write
Figure 4. I2C Bus Protocol
SCL
SDA
SCL
SDA
SDA
START
CONDITION
SDA
INPUT
SDA
CHANGE
AI00792
STOP
CONDITION
1
23
7
89
MSB
ACK
START
CONDITION
SCL
1
23
7
89
MSB
ACK
STOP
CONDITION
Table 3. Device Select Code 1
Note: 1. The most significant bit (b7) is sent first.
Device Type Identifier
Chip Enable
RW
b7
b6
b5
b4
b3
b2
b1
b0
Memory Area Select Code (two arrays)
1
0
1
0
E2
E1
E0
RW
Protection Register Select Code
0
1
1
0
E2
E1
E0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com