Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1104 Datasheet(PDF) 2 Page - Serpac

Part # 1104
Description  Enclosure can hold either a 0.032" PCB or a 0.063 PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SERPAC [Serpac]
Direct Link  https://www.serpac.com/
Logo SERPAC - Serpac

1104 Datasheet(HTML) 2 Page - Serpac

  1104 Datasheet HTML 1Page - Serpac 1104 Datasheet HTML 2Page - Serpac  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.03
1.52
2.16
.20
2.12
1.48
.26
(626) 331-0517 Fax (626) 331-8584 http://www.serpac.com.
0.010" manufacturing tolerance.
.065 board
.032 board
CIRCUIT BOARD CH6
7/18/12
NOTES:
These are suggested dimensions.
Plastic parts have a
2009 Wrignt Ave., La Verne, CA 91750
.065



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com