Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W004 Datasheet(PDF) 28 Page - STMicroelectronics

Part # M29W004
Description  4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W004 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M29W004 Datasheet HTML 22Page - STMicroelectronics M29W004 Datasheet HTML 23Page - STMicroelectronics M29W004 Datasheet HTML 24Page - STMicroelectronics M29W004 Datasheet HTML 25Page - STMicroelectronics M29W004 Datasheet HTML 26Page - STMicroelectronics M29W004 Datasheet HTML 27Page - STMicroelectronics M29W004 Datasheet HTML 28Page - STMicroelectronics M29W004 Datasheet HTML 29Page - STMicroelectronics M29W004 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
ORDERING INFORMATION SCHEME
M29W004T and M29W004B are replaced respectively by the new version M29W004BT and
M29W004BB
Devices are shipped from the factory with the memory content erased (to FFh).
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this device,
please contact the STMicroelectronics Sales Office nearest to you.
Operating Voltage
W
2.7V to 3.6V
Array Matrix
T
Top Boot
B
Bottom Boot
Speed
-90
90ns
-100 100ns
-120 120ns
-150 150ns
Package
N
TSOP40
10 x 20mm
Option
TR
Tape & Reel
Packing
Temp. Range
1
0 to 70
°C
5
–20 to 85
°C
6
–40 to 85
°C
Example:
M29W004T
-90
N
1
TR
28/30
M29W004T, M29W004B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com