Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPC0205 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0205
Description  LGA-12 to DIP-12 SMT Adapter (0.8 mm pitch, 4.4 x 2.4 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0205 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0205 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0205 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
LGA-12 to DIP-12 SMT Adapter (0.8 mm pitch, 4.4 x 2.4 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.10
A2
2.70
B
0.50
C
0.50
D
0.30
E
0.80
F
0.300
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2017 Proto Advantage™
B
C
D
E
A
A2
IIP
PC
C0
02
20
05
5


Similar Part No. - IPC0205

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0200 PROTOADVANTAGE-IPC0200 Datasheet
106Kb / 2P
HTSSOP-56 to DIP-60 SMT Adapter (0.5 mm pitch, 14 x 6.1 mm body)
revision 1.0
IPC0201 PROTOADVANTAGE-IPC0201 Datasheet
107Kb / 2P
HTQFP-64 to DIP-68 SMT Adapter (0.5 mm pitch, 10 x 10 mm body)
revision 1.0
IPC0202 PROTOADVANTAGE-IPC0202 Datasheet
107Kb / 2P
Module-40 to DIP-40 SMT Adapter (1.3 mm pitch, 28.5 x 13 mm body)
revision 1.0
IPC0203 PROTOADVANTAGE-IPC0203 Datasheet
104Kb / 2P
SuperSOT-3 to DIP-4 SMT Adapter (1.3 mm pitch, 4 x 3 mm body)
revision 1.0
IPC0204 PROTOADVANTAGE-IPC0204 Datasheet
105Kb / 2P
SOIC-24 to DIP-24 SMT Adapter (1.27 mm pitch, 15.4 x 7.5 mm body)
revision 1.0
More results

Similar Description - IPC0205

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSQ976-NR-1 OSRAM-LSQ976-NR-1 Datasheet
460Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LO-Q976 OSRAM-LO-Q976 Datasheet
528Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q976 OSRAM-LS-Q976 Datasheet
517Kb / 19P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LG-Q971 OSRAM-LG-Q971 Datasheet
418Kb / 21P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LS-Q971 OSRAM-LS-Q971 Datasheet
211Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q971 OSRAM-LY-Q971 Datasheet
211Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
LY-Q976 OSRAM-LY-Q976 Datasheet
242Kb / 20P
SMT package 0603, colorless diffused resin, 1.6 mm x 0.8 mm x 0.8 mm
logo
Mini-Circuits
185F-24F MINI-185F-24F Datasheet
218Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-F
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
185M-24M MINI-185M-24M Datasheet
222Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-M
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com