Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAFSLS0200CAAX5 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HAFSLS0200CAAX5
Description  Honeywell Zephyr™ Analog Airflow Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HAFSLS0200CAAX5 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HAFSLS0200CAAX5 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX5 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX5 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX5 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX5 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX5 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX5 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX5 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX5 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
sensing.honeywell.com
What makes our sensors better?
Fast response time
Wide range of airflows
Customizable flow ranges and configurable package styles
Linear output
High stability
Low pressure drop
Honeywell ZephyrTM Analog Airflow Sensors
HAF Series - High Accuracy
Honeywell Zephyr™ HAF Series sensors provide an analog interface for reading airflow over specified full-scale flow and
compensated temperature ranges. The thermally isolated heater and temperature sensing elements help these sensors
provide a fast response to air or gas flow.
Zephyr sensors are designed to measure mass flow of air and other non-corrosive gases. Standard flow ranges are
available at ±50, ±100, ±200, ±400 or ±750 SCCM. Custom flow ranges are also available. The sensors are fully calibrated
and temperature compensated with an onboard Application Specific Integrated Circuit (ASIC).
The HAF Series is compensated over the temperature range of 0 °C to 50 °C [32 °F to 122 °F] and operates across a
temperature range of -20 °C to 70 °C [-4 °F to 158 °F]. The state-of-the-art ASIC-based compensation provides analog
outputs with a response time of 1 ms.
These sensors operate on the heat transfer principle to measure mass airflow. They consist of a microbridge
Microelectronic and Microelectromechanical System (MEMS) with temperature-sensitive resistors deposited with thin films
of platinum and silicon nitride. The MEMS sensing die is located in a precise and carefully designed airflow channel to
provide repeatable response to flow.
Zephyr sensors provide the customer with enhanced reliability, high accuracy, repeatable measurements and the ability
to customize sensor options to meet many specific application needs. The combination of rugged housings with a stable
substrate makes these products extremely robust. They are designed and manufactured according to ISO 9001 standards
TIGHT TOTAL ERROR BAND • fAsT REspONsE TIME • WIDE RANGE Of AIRfLOWs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com