Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36DR232A Datasheet(PDF) 31 Page - STMicroelectronics

Part # M36DR232A
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M36DR232A Datasheet HTML 27Page - STMicroelectronics M36DR232A Datasheet HTML 28Page - STMicroelectronics M36DR232A Datasheet HTML 29Page - STMicroelectronics M36DR232A Datasheet HTML 30Page - STMicroelectronics M36DR232A Datasheet HTML 31Page - STMicroelectronics M36DR232A Datasheet HTML 32Page - STMicroelectronics M36DR232A Datasheet HTML 33Page - STMicroelectronics M36DR232A Datasheet HTML 34Page - STMicroelectronics M36DR232A Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
31/46
M36D232A, M36DR232B
Table 29. Flash Program, Erase Times and Program, Erase Endurance Cycles
(TA = –40 to 85°C; VDDF = 1.65V to 2.2V, VPPF =VDDF unless otherwise specified)
Note: 1. Max values refer to the maximum time allowed by the internal algorithm before error bit is set. Worst case conditions program or
erase should perform significantly better.
2. Excludes the time needed to execute the sequence for program instruction.
Table 30. Flash Data Polling and Toggle Bits AC Characteristics (1)
(TA = –40 to 85 °C; VDDF = 1.65V to 2.2V)
Note: 1. All other timings are defined in Read AC Characteristics table.
Parameter
Min
Max (1)
Typ
Typical after
100k W/E Cycles
Unit
Parameter Block (4 KWord) Erase (Preprogrammed)
2.5
0.15
0.4
s
Main Block (32 KWord) Erase (Preprogrammed)
10
1
3
s
Bank Erase (Preprogrammed, Bank A)
2
6
s
Bank Erase (Preprogrammed, Bank B)
10
30
s
Chip Program (2)
20
25
s
Chip Program (DPG, VPP = 12V)
(2)
10
s
Word Program
200
10
10
µs
Program/Erase Cycles (per Block)
100,000
cycles
Symbol
Parameter
Flash
Unit
Min
Max
tEHQ7V
Chip Enable High to DQ7 Valid (Program, EF Controlled)
10
200
µs
Chip Enable High to DQ7 Valid (Block Erase, EF Controlled)
1
10
s
tEHQV
Chip Enable High to Output Valid (Program)
10
200
µs
Chip Enable High to Output Valid (Block Erase)
1
10
s
tQ7VQV
Q7 Valid to Output Valid (Data Polling)
0
ns
tWHQ7V
Write Enable High to DQ7 Valid (Program, WF Controlled)
10
200
µs
Write Enable High to DQ7 Valid (Block Erase, WF
Controlled)
110
s
tWHQV
Write Enable High to Output Valid (Program)
10
200
µs
Write Enable High to Output Valid (Block Erase)
1
10
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com