Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM251-NWH3 Datasheet(PDF) 2 Page - Carling Technologies

Part # HM251-NWH3
Description  H/I-Series Toggle Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLINGTECH [Carling Technologies]
Direct Link  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

HM251-NWH3 Datasheet(HTML) 2 Page - Carling Technologies

  HM251-NWH3 Datasheet HTML 1Page - Carling Technologies HM251-NWH3 Datasheet HTML 2Page - Carling Technologies HM251-NWH3 Datasheet HTML 3Page - Carling Technologies HM251-NWH3 Datasheet HTML 4Page - Carling Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.
Tech Specs
Dielectric Strength
UL/CSA: 1000V - live to dead
metal parts
Electrical Life
50,000 cycles - maintained
25,000 cycles - momentary
Operating Temperature
32°F to 185°F (0° to 85°C)
COS-0127_REV_A
*Manufacturer reserves the right to change product specification without prior notice.
Sample
Part Number
H K 25 1 - 73
Selection
1
2
3
4
5
Three Pole
K
ON-NONE-OFF
L
ON-NONE-ON
M ON-OFF-ON
O
ON-OFF-ON
Three Pole (In Four Pole Base)
A
ON-NONE-OFF
B
ON-NONE-ON
S
ON-OFF-ON
H
2. CIRCUIT
1. SERIES
25 10A 250 VAC
15A 125 VAC
3/4HP 250 VAC
1, 2 or 3-Phase
26 3A 250 VAC
6A 125 VAC
1/4HP 12-250 VAC
1, 2 or 3-Phase
27 12A 250 VAC
17A 125 VAC
1-1/2HP 250 VAC
1, 2, 3-Phase
A25 6A 600VAC,
10A 250 VAC,
15A 125 VAC,
3/4HP 250 VAC,
1, 2, 3-Phase,
1 HP 480-600VAC; 3 Phase
A27 6A 600 VAC,
12A 250 VAC,
17A 125 VAC,
2 HP 480-600 VAC; 3 Phase
3. RATING
1, 4
8
Function
Solder .250 Tab .205 Tab .187 Tab Screw Wire
PC
Lug
(QC)
(QC)
(QC)
Term. Lead Term.
ON-NONE-OFF
0
1
2
3
4
5
6
(ON)-NONE-OFF
A
B
C
D
E
F
G
ON-NONE-(OFF)
L
M
Q
R
S
T
U
ON-NONE-ON
0
1
2
3
4
5
6
ON-NONE-(ON)
A
B
C
D
E
F
G
ON-OFF-ON
0
1
2
3
4
5
6
ON-NONE-(ON)
A
B
C
D
E
F
G
(ON)-NONE-(ON)
L
M
Q
R
S
T
U
Bat Style
Toggle with
Toggle
Bushing
Toggle
Neoprene Seal
Length
Length
73
78
.687
.465
NBL3
NBL8
.687
.465
NWH3
NWD8
.687
.465
NRD3
NRD8
.687
.465
4. TERMINATION/FUNCTION
4. TERMINATION/FUNCTION
Notes:
1
Standard Wire lead Length is 6 “ for other wire lead length, Use Wire length lead
Termination/Function code and Add “/” and the wire lead length required at the
end of the part number. Example: HK255-73/10”
2
Hardware/Packaging Options may be added to the base part number by
adding a “/” with the option at the end of the part number.
Example: HL251-73 / HDW ASSM
Available options include:
2 Hex
2 Hex nuts (1 assembled on switch, 1 Supplied in bulk)
No Hardware
No Hardware included
HDW ASSM
With Hardware assembled
HDW bulk
With Hardware bulk
Poly
With Polybag
3
The nbl toggle uses a black oxide plated metal bushing. NWN and NRD toggles
uses a nickle plated metal bushing. NBL, NWH, and NRD toggles use a four pole
base with pole 3 empty.
4 () indicates momentray function.
5 Maintained or Momentary action of the switch is determined by the combination
of the circuit and termination/function designation of the description.
Example: HK25B-73 is a (ON)-OFF circuit with .250 TAB Terminals.
6 Screw terminals are supplied with screws assembled to terminals.
7
Nylon toggles are not available with momentary circuits.
8 The “O” circuit is a reversing circuit with jumpers from terminals 1 to 6, 3 to 4 and
Terminal 7 to 9.
9 A Specials “O” circuit is a reversing circuit called out with a “J” Following the
termination/function digit in the description. Jumpers are from terminal 1 to 5, 3 to
5, 4 to 9 and 6 to 7.
10 Special “O” circuit only available with .250 TAB terminals. Example: H0251J-73
Ordering Scheme



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com