Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9SQ445 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 9SQ445
Description  CK440Q Lite PCIe Gen6 Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9SQ445 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 9SQ445 Datasheet HTML 17Page - Renesas Technology Corp 9SQ445 Datasheet HTML 18Page - Renesas Technology Corp 9SQ445 Datasheet HTML 19Page - Renesas Technology Corp 9SQ445 Datasheet HTML 20Page - Renesas Technology Corp 9SQ445 Datasheet HTML 21Page - Renesas Technology Corp 9SQ445 Datasheet HTML 22Page - Renesas Technology Corp 9SQ445 Datasheet HTML 23Page - Renesas Technology Corp 9SQ445 Datasheet HTML 24Page - Renesas Technology Corp 9SQ445 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
©2021–2023 Renesas Electronics Corporation
R31DS0066EU0103 May 8, 2023
9SQ445 Datasheet
Table 22. Byte 2: Output Enable Control Register
Bit
Description
If Bit = 0
If Bit = 1
Type
Default
Output(s) Affected
7
MXCK_SEL
100MHz
25MHz
R/W
1
MXCK
6
MXCK_SEL Control
Pin control
Register control
R/W
1
MXCK
5
Reserved
—
—
—
0
—
4
Reserved
—
—
—
0
—
3
Reserved
—
—
—
0
—
2
Output Enable 25M2
Disabled
Enabled
RW
1
25M2
1
Output Enable 25M1
Disabled
Enabled
RW
0
25M1
0
Output Enable 25M0
Disabled
Enabled
RW
0
25M0
Table 23. Byte 3: Reserved Register
Bit
Description
If Bit = 0
If Bit = 1
Type
Default
Output(s) Affected
7
Reserved
—
—
R
0
—
6
Reserved
—
—
R/W
0
—
5
Reserved
—
—
RW
0
—
4
Reserved
—
—
RW
0
—
3
Reserved
—
—
RW
0
—
2
Reserved
—
—
RW
0
—
1
Reserved
—
—
RW
0
—
0
Reserved
—
—
RW
0
—
Table 24. Byte 4: Reserved Register
Bit
Description
If Bit = 0
If Bit = 1
Type
Default
Output(s) Affected
7
Reserved
—
—
R
N/A
—
6
Reserved
—
—
R
N/A
—
5
Reserved
—
—
R
N/A
—
4
Reserved
—
—
R
N/A
—
3
Reserved
—
—
R
N/A
—
2
Reserved
—
—
R
N/A
—
1
Reserved
—
—
R
N/A
—
0
Reserved
—
—
R
N/A
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com