Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT0801ARS-0 Datasheet(PDF) 42 Page - Powertip Technology

Part # PT0801ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PT0801ARS-0 Datasheet(HTML) 42 Page - Powertip Technology

Back Button PT0801ARS-0 Datasheet HTML 38Page - Powertip Technology PT0801ARS-0 Datasheet HTML 39Page - Powertip Technology PT0801ARS-0 Datasheet HTML 40Page - Powertip Technology PT0801ARS-0 Datasheet HTML 41Page - Powertip Technology PT0801ARS-0 Datasheet HTML 42Page - Powertip Technology PT0801ARS-0 Datasheet HTML 43Page - Powertip Technology PT0801ARS-0 Datasheet HTML 44Page - Powertip Technology PT0801ARS-0 Datasheet HTML 45Page - Powertip Technology PT0801ARS-0 Datasheet HTML 46Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
ST7066U
V2.0
2001/03/01
19/42
#
#
#
#"
"
"
" Display ON/OFF
Control display/cursor/blink ON/OFF 1 bit register.
$" D : Display ON/OFF control bit
When D = "High", entire display is turned on.
When D = "Low", display is turned off, but display data is remained in DDRAM.
$" C : Cursor ON/OFF control bit
When C = "High", cursor is turned on.
When C = "Low", cursor is disappeared in current display, but I/D register remains its data.
$" B : Cursor Blink ON/OFF control bit
When B = "High", cursor blink is on, that performs alternate between all the high data and display
character at the cursor position.
When B = "Low", blink is off.
#
#
#
#"
"
"
" Cursor or Display Shift
Without writing or reading of display data, shift right/left cursor position or display. This instruction is used to
correct or search display data. During 2-line mode display, cursor moves to the 2nd line after 40th digit of 1st
line. Note that display shift is performed simultaneously in all the line. When displayed data is shifted
repeatedly, each line shifted individually. When display shift is performed, the contents of address counter are
not changed.
S/C
R/L
Description
AC Value
L
L
Shift cursor to the left
AC=AC-1
L
H
Shift cursor to the right
AC=AC+1
H
L
Shift display to the left. Cursor follows the display shift
AC=AC
H
H
Shift display to the right. Cursor follows the display shift
AC=AC
#
#
#
#"
"
"
" Function Set
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
DL
1
S/C
N
D
R/L
F
Code
Code
Code
RS
RS
RS
RW
RW
RW
DB7
DB7
DB7
DB6
DB6
DB6
DB5
DB5
DB5
DB4
DB4
DB4
DB1
DB1
DB1
DB2
DB2
DB2
DB3
DB3
DB3
C
x
x
B
x
x
DB0
DB0
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com