Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS08128ARS-0 Datasheet(PDF) 2 Page - Powertip Technology

Part # PS08128ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS08128ARS-0 Datasheet(HTML) 2 Page - Powertip Technology

  PS08128ARS-0 Datasheet HTML 1Page - Powertip Technology PS08128ARS-0 Datasheet HTML 2Page - Powertip Technology PS08128ARS-0 Datasheet HTML 3Page - Powertip Technology PS08128ARS-0 Datasheet HTML 4Page - Powertip Technology PS08128ARS-0 Datasheet HTML 5Page - Powertip Technology PS08128ARS-0 Datasheet HTML 6Page - Powertip Technology PS08128ARS-0 Datasheet HTML 7Page - Powertip Technology PS08128ARS-0 Datasheet HTML 8Page - Powertip Technology PS08128ARS-0 Datasheet HTML 9Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
CODING SYSTEM FOR LCD MODULE
P C 1 6 0 2
1
2
3
4
5
6
7
8
9
10
11
NO
Cod e valu e
Descr ip tio n
Type
1
P
Powertip products
Brand
C
Character
G
Graphic
S
Engineer sample
2
T
Total solution
Module type
08.16.20.24
Characters per line (for character modules)
3
120.122.128
Row dots (for graphic modules)
Characters per
line or row dots
01.02.03.04
Lines (for character modules)
4
32.64.128
Column dots (for graphic modules)
Lines or column
dots
A
Without backlight
B
EL backlight, Blue-green
D
EL backlight, Yellow-green
E
EL backlight, White
F
CCFL backlight, White
L
LED backlight, Yellow-green
M
LED backlight, Amber
N
LED backlight, Red
O
LED backlight, Orange
P
LED backlight, Pure-green
S
LED backlight, Green
U
LED backlight, Blue
5
W
LED backlight, White
Backlight mode
(Type Color)
R
Standard (through hole, cable, connector and
etc.)
Y
Straight pin-header
6
Z
Right angle pin-header
Connecting type
None (*1)
TN positive, Gray
N
TN negative, Blue
7
S
STN positive, Gray
LCD mode
(Type Color)
...
...
...
...
+
+
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com