Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPS33. Datasheet(PDF) 2 Page - K.A. Schmersal GmbH & Co. KG

Part # BPS33.
Description  Thermoplastic enclosure
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHMERSAL [K.A. Schmersal GmbH & Co. KG]
Direct Link  https://www.schmersal.com/en/home
Logo SCHMERSAL - K.A. Schmersal GmbH & Co. KG

BPS33. Datasheet(HTML) 2 Page - K.A. Schmersal GmbH & Co. KG

  BPS33. Datasheet HTML 1Page - K.A. Schmersal GmbH & Co. KG BPS33. Datasheet HTML 2Page - K.A. Schmersal GmbH & Co. KG BPS33. Datasheet HTML 3Page - K.A. Schmersal GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
299
Schmersal Industrial Switchgear
0
1
2
3
4
5
3
4
5
5,5
6
88
78
4,5
88
78
ø5
Magnetic safety sensors
Rectangular design
BNS 33 range
5.
5.1
5.1.1
BPS 33
• Thermoplastic enclosure
• Actuator including two tamperproof screws
Notes
The LED is illuminated when the guard is open.
The ordering suffix is added to the part number of
the sensor required from the “Contacts” table.
• For transverse actuation from the direction
of the cable entry, special type required,
ordering suffix -2237
Axial
misalign-
ment
Actuator
Spacer BN 31/33
• To mount the magnetic safety sensor and actuator
on ferromagnetic material
Accessories
Info
• BNS 33-...-2063 is also available with
one NC contact, ordering suffix -01z
or one NO contact, ordering suffix -10z
• BNS 33-12zG-2187 also available with LED
connected to NO contact (13-14),
ordering suffix -10
Ordering
details
BNS 33 with one NO and one NC contact, with LED:
BNS 33-11zG
Actuator including two tamperproof screws:
BPS 33
To safeguard up to Control Category 4 to EN 954-1, the
Safety System Kit No. 19 can be used. This comprises an
AZR 31 R2 guard door monitor, a BNS 33-02z-2187, a
BPS 33 and tamperproof screws.
• Enabling zone



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com