Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7215 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7215
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7215 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC7215 Datasheet HTML 1Page - National Semiconductor (TI) LMC7215 Datasheet HTML 2Page - National Semiconductor (TI) LMC7215 Datasheet HTML 3Page - National Semiconductor (TI) LMC7215 Datasheet HTML 4Page - National Semiconductor (TI) LMC7215 Datasheet HTML 5Page - National Semiconductor (TI) LMC7215 Datasheet HTML 6Page - National Semiconductor (TI) LMC7215 Datasheet HTML 7Page - National Semiconductor (TI) LMC7215 Datasheet HTML 8Page - National Semiconductor (TI) LMC7215 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2.7V to 5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V to 5V, V− = 0V, V
CM =VO =V
+/2. Boldface limits
apply at the temperature extremes.
Typ
LMC7215
LMC7225
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
Current (Note 10)
V
+ = 5.0V, Sourcing
50
NA
mA
I
SC−
Output Short Circuit
V
+ = 2.7V, Sinking
12
mA
Current (Note 10)
V
+ = 5.0V, Sinking
30
mA
I
Leakage
Output Leakage Current
V
+ = 2.2V
nA
V
IN+ = 0.1V, VIN− = 0V,
0.01
NA
500
max
V
OUT = 15V
I
S
Supply Current
V
+ = 5.0V
0.7
1
1
µA
V
IN+ = 5V, VIN−=0V
1.2
1.2
max
AC Electrical Characteristics
Unless otherwise specified, T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM =V
+/2
LMC7215
LMC7225
Symbol
Parameter
Conditions
Typ
Typ
Units
(Note 5)
(Notes 5, 8)
t
rise
Rise Time
Overdrive = 10 mV (Note 8)
1
12.2
µs
t
fall
Fall Time
Overdrive = 10 mV (Note 8)
0.4
0.35
µs
t
PHL
Propagation Delay
(Notes 8, 9)
Overdrive = 10 mV
24
24
µs
(High to Low)
Overdrive = 100 mV
12
12
V
+ = 2.7V
Overdrive = 10 mV
17
17
µs
(Notes 8, 9)
Overdrive = 100 mV
11
11
t
PLH
Propagation Delay
(Notes 8, 9)
Overdrive = 10 mV
24
29
µs
(Low to High)
Overdrive = 100 mV
12
17
V
+ = 2.7V
Overdrive = 10 mV
17
22
µs
(Notes 8, 9)
Overdrive = 100 mV
11
16
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of JEDEC)
Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) −TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time and will
also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production material.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: CMRR measured at VCM = 0V to 2.5V and 2.5V to 5V when VS =5V, VCM = 0.2V to 1.35V and 1.35V to 2.7V when VS = 2.7V. This eliminates units that
have large VOS at the VCM extremes and low or opposite VOS at VCM =VS/2.
Note 8: All measurements made at 10 kHz. A 100 k
Ω pull-up resistor was used when measuring the LMC7225. CLOAD = 50 pF including the test jig and scope
probe. The rise times of the LMC7225 are a function of the R-C time constant.
Note 9: Input step voltage for the propagation measurements is 100 mV.
Note 10: Do not short the output of the LMC7225 to voltages greater than 10V or damage may occur.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com