Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8103/D Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MSC8103/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103/D Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MSC8103/D Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8103/D Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
1-16
Freescale Semiconductor
Signals/Connections
1.6.1
Port A Signals
Table 1-7.
Port A Signals
Name
Dedicated
I/O Data
Direction
Description
General-
Purpose I/O
Peripheral Controller:
Dedicated Signal
Protocol
PA31
FCC1: TXENB
UTOPIA master
FCC1: TXENB
UTOPIA slave
FCC1: COL
MII
Output
Input
Input
FCC1: UTOPIA Master Transmit Enable
Asserted by the MSC8103 (UTOPIA master PHY) when there is valid
transmit cell data (TXD[0–7]).
FCC1: UTOPIA Slave Transmit Enable
Asserted by an external UTOPIA master PHY when there is valid
transmit cell data (TXD[0–7]).
FCC1: Media Independent Interface Collision Detect
Asserted by an external fast Ethernet PHY when collision is detected.
PA30
FCC1: TXCLAV
UTOPIA slave
FCC1: TXCLAV
UTOPIA master, or
FCC1: TXCLAV0
UTOPIA master, Multi-PHY, direct
polling
FCC1: RTS
HDLC, Serial and Nibble
FCC1: CRS
MII
Output
Input
Input
Output
Input
FCC1: UTOPIA Slave Transmit Cell Available
Asserted by the MSC8103 (UTOPIA slave PHY) when the MSC8103
can accept one complete ATM cell.
FCC1: UTOPIA Master Transmit Cell Available
Asserted by an external UTOPIA slave PHY to indicate that it can accept
one complete ATM cell.
FCC1: UTOPIA Master Transmit Cell Available Multi-PHY Direct
Polling
Asserted by an external UTOPIA slave PHY using direct polling to
indicate that it can accept one complete ATM cell.
FCC1: Request To Send
In the standard modem interface signals supported by FCC1 (RTS,
CTS, and CD). RTS is asynchronous with the data. RTS is typically used
in conjunction with CD. The MSC8103 FCC1 transmitter requests the
receiver to send data by asserting RTS low. The request is accepted
when CTS is returned low.
FCC1: Media Independent Interface Carrier Sense
Asserted by an external fast Ethernet PHY to indicate activity on the
cable.
PA29
FCC1: TXSOC
UTOPIA master
FCC1: TX_ER
MII
Output
Output
FCC1: UTOPIA Transmit Start of Cell
Asserted by the MSC8103 (UTOPIA master PHY) when TXD[0–7]
contains the first valid byte of the cell.
FCC1: Media Independent Interface Transmit Error
Asserted by the MSC8103 to force propagation of transmit errors.
PA28
FCC1: RXENB
UTOPIA master
FCC1: RXENB
UTOPIA slave
FCC1: TX_EN
MII
Output
Input
Output
FCC1: UTOPIA Master Receive Enable
Asserted by the MSC8103 (UTOPIA master PHY) to indicate that
RXD[0–7] and RXSOC are to be sampled at the end of the next cycle.
RXD[0–7] and RXSOC are enabled only in cycles following those with
RXENB asserted.
FCC1: UTOPIA Master Receive Enable
Asserted by an external PHY to indicate that RXD[0–7] and RXSOC is to
be sampled at the end of the next cycle. RXD[0–7] and RXSOC are
enabled only in cycles following those with RXENB asserted.
FCC1: Media Independent Interface Transmit Enable
Asserted by the MSC8103 when transmitting data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com