Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8101UG/D Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MSC8101UG/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8101UG/D Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MSC8101UG/D Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8101UG/D Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
1-18
Freescale Semiconductor
Signals/Connections
PA22
FCC1: TXD3
UTOPIA
Output
FCC1: UTOPIA Transmit Data Bit 3
The MSC8103 outputs ATM cell octets (UTOPIA interface data) on
TXD[0–7]. This is bit 3 of the transmit data. TXD7 is the most significant
bit. When no ATM data is available, idle cells are inserted. A cell is 53
bytes.
PA21
FCC1: TXD4
UTOPIA
FCC1: TXD3
MII and HDLC nibble
Output
Output
FCC1: UTOPIA Transmit Data Bit 4
The MSC8103 outputs ATM cell octets (UTOPIA interface data) on
TXD[0–7]. This is bit 4 of the transmit data. TXD7 is the most significant
bit. When no ATM data is available, idle cells are inserted. A cell is 53
bytes.
FCC1: MII and HDLC Nibble Transmit Data Bit 3
TXD[3–0] supports MII and HDLC nibble modes in FCC1. TXD3 is the
most significant bit.
PA20
FCC1: TXD5
UTOPIA
FCC1: TXD2
MII and HDLC nibble
Output
Output
FCC1: UTOPIA Transmit Data Bit 5
The MSC8103 outputs ATM cell octets (UTOPIA interface data) on
TXD[0–7]. This is bit 5 of the transmit data. TXD7 is the most significant
bit. When no ATM data is available, idle cells are inserted. A cell is 53
bytes.
FCC1: MII and HDLC Nibble Transmit Data Bit 2
TXD[3–0] is supported by MII and HDLC nibble modes in FCC1. This is
bit 2 of the transmit data. TXD3 is the most significant bit.
PA19
FCC1: TXD6
UTOPIA
FCC1: TXD1
MII and HDLC nibble
Output
Output
FCC1: UTOPIA Transmit Data Bit 6
The MSC8103MSC8103 outputs ATM cell octets (UTOPIA interface
data) on TXD[0–7]. This is bit 6 of the transmit data. TXD7 is the most
significant bit. When no ATM data is available, idle cells are inserted. A
cell is 53 bytes.
FCC1: MII and HDLC Nibble Transmit Data Bit 1
TXD[3–0] is supported by MII and HDLC transparent nibble modes in
FCC1. This is bit 1 of the transmit data. TXD3 is the most significant bit.
PA18
FCC1: TXD7
UTOPIA
FCC1: TXD0
MII and HDLC nibble
FCC1: TXD
HDLC serial and transparent
Output
Output
Output
FCC1: UTOPIA Transmit Data Bit 7.
The MSC8103 outputs ATM cell octets (UTOPIA interface data) on
TXD[0–7]. TXD7 is the most significant bit. When no ATM data is
available, idle cells are inserted. A cell is 53 bytes.
FCC1: MII and HDLC Nibble Transmit Data Bit 0
TXD[3–0] is supported by MII and HDLC nibble modes in FCC1. TXD0
is the least significant bit.
FCC1: HDLC Serial and Transparent Transmit Data Bit
This is the single transmit data bit in supported by HDLC serial and
transparent modes.
Table 1-7.
Port A Signals (Continued)
Name
Dedicated
I/O Data
Direction
Description
General-
Purpose I/O
Peripheral Controller:
Dedicated Signal
Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com