| Electronic Components Datasheet Search |
|
MNSC140CORE/D Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MNSC140CORE/D Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 104 page ![]() MSC8103 Network Digital Signal Processor, Rev. 11 1-4 Freescale Semiconductor Signals/Connections 1.1 Power Signals 1.2 Clock Signals Table 1-2. Power and Ground Signal Inputs Power Name Description VDD Internal Logic Power VDD dedicated for use with the device core. The voltage should be well-regulated and the input should be provided with an extremely low impedance path to the VDD power rail. VDDH Input/Output Power This source supplies power for the I/O buffers. The user must provide adequate external decoupling capacitors. VCCSYN System PLL Power VCC dedicated for use with the system Phase Lock Loop (PLL). The voltage should be well-regulated and the input should be provided with an extremely low impedance path to the VCC power rail. VCCSYN1 SC140 PLL Power VCC dedicated for use with the SC140 core PLL. The voltage should be well-regulated and the input should be provided with an extremely low impedance path to the VCC power rail. GND System Ground An isolated ground for the internal processing logic. This connection must be tied externally to all chip ground connections, except GNDSYN and GNDSYN1. The user must provide adequate external decoupling capacitors. GNDSYN System PLL Ground Ground dedicated for system PLL use. The connection should be provided with an extremely low-impedance path to ground. GNDSYN1 SC140 PLL Ground 1 Ground dedicated for SC140 core PLL use. The connection should be provided with an extremely low-impedance path to ground. Table 1-3. Clock Signals Signal Name Type Signal Description CLKIN Input Clock In Primary clock input to the MSC8103 PLL. MODCK1 TC0 BNKSEL0 Input Output Output Clock Mode Input 1 Defines the operating mode of internal clock circuits. Transfer Code 0 Supplies information that can be useful for debugging bus transactions initiated by the MSC8103. Bank Select 0 Selects the SDRAM bank when the MSC8103 is in 60x-compatible bus mode. MODCK2 TC1 BNKSEL1 Input Output Output Clock Mode Input 2 Defines the operating mode of internal clock circuits. Transfer Code 1 Supplies information that can be useful for debugging bus transactions initiated by the MSC8103. Bank Select 1 Selects the SDRAM bank when the MSC8103 is in 60x-compatible bus mode. MODCK3 TC2 BNKSEL2 Input Output Output Clock Mode Input 3 Defines the operating mode of internal clock circuits. Transfer Code 2 Supplies information that can be useful for debugging bus transactions initiated by the MSC8103. Bank Select 2 Selects the SDRAM bank when the MSC8103 is in 60x-compatible bus mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |