Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IT-FIT-7/220/700-CS I Datasheet(PDF) 8 Page - Intelligent LED Solutions

Part # IT-FIT-7/220/700-CS I
Description  OSLON Black IR LEDiL Selector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

IT-FIT-7/220/700-CS I Datasheet(HTML) 8 Page - Intelligent LED Solutions

Back Button IT-FIT-7/220/700-CS I Datasheet HTML 3Page - Intelligent LED Solutions IT-FIT-7/220/700-CS I Datasheet HTML 4Page - Intelligent LED Solutions IT-FIT-7/220/700-CS I Datasheet HTML 5Page - Intelligent LED Solutions IT-FIT-7/220/700-CS I Datasheet HTML 6Page - Intelligent LED Solutions IT-FIT-7/220/700-CS I Datasheet HTML 7Page - Intelligent LED Solutions IT-FIT-7/220/700-CS I Datasheet HTML 8Page - Intelligent LED Solutions IT-FIT-7/220/700-CS I Datasheet HTML 9Page - Intelligent LED Solutions IT-FIT-7/220/700-CS I Datasheet HTML 10Page - Intelligent LED Solutions IT-FIT-7/220/700-CS I Datasheet HTML 11Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© IGS Version V1
+44 (0)1635 294606 | info@i-led.co.uk | https://i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
8 of 11
ILS Product
OSLON BLACK IR LEDiL Selector
350mA
700mA
1000mA
No Heatsink, in free air
ILA-HSINK-78X46X25MM
KEY
Operates under the recommended ILS junction temperature
Operates under the recommended LED maximum junction temperature
Not suitable for use
Heatsink not designed for use with this product
Click here to visit our website for our latest range
POWER SUPPLY OPTIONS
ILS Driver Part Number
Rating
Current
LED Driver Voltage
Dimming
IZC035-004F-4065C-SAL
4W
350mA
3-12V
None
IZC070-004F-4065C-SAL
4W
700mA
2-6V
None
IT-FIT-4/220…240/400-CS I
4W
100-400mA
2.5-10V
None
IT-FIT-7/220…240/700-CS I
4W
350-700mA
2.5-11V
None
IZC035-008F-5065C-SA
8W
350mA
3-36V
None
IZC070-008F-5065C-SA
8W
700mA
3-12V
None
IZCVAR-040M-9020C-SAL
40W
350-1050mA
350mA 2-100V, 500mA
2-80V, 600mA 2-67V,
700mA 2-57V,900mA
2-45V, 1050mA 2-40V
0-10V, PWM
and Resist-
ance
Click here to visit our website for our latest range
HEATSINK OPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com