Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IT-FIT-7/240/700-CS I Datasheet(PDF) 4 Page - Intelligent LED Solutions

Part # IT-FIT-7/240/700-CS I
Description  OSLON Black IR LEDiL Selector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

IT-FIT-7/240/700-CS I Datasheet(HTML) 4 Page - Intelligent LED Solutions

  IT-FIT-7/240/700-CS I Datasheet HTML 1Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 2Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 3Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 4Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 5Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 6Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 7Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 8Page - Intelligent LED Solutions IT-FIT-7/240/700-CS I Datasheet HTML 9Page - Intelligent LED Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© IGS Version V1
+44 (0)1635 294606 | info@i-led.co.uk | https://i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
4 of 11
Secondary Optics
LEDiL precision-engineered lenses allow for rapid
deployment of all types of light fixtures, including street
lights, wall-wash, high-bay, sconces, emergency beacons,
parking garage/low-bay, MR and AR downlights, and
dock lights. Precision-engineered for maximum efficiency
and durability, LEDiL lenses are released alongside the
latest products from key LED suppliers. Suitable
options on page 7 or visit our website for a full
range.
Heatsinks
ILS has a series of aluminium alloy heatsinks to be used
with the standard range of PowerStars and PowerClusters.
These heatsinks are supplied with fixing screws for the
light engine and for fixing to a base plate. They also come
with thermal interface material (TIM) attached to the top
surface. Suitable options on page 7 or visit our website for
a full range.
Power Supplies
ILS has a comprehensive range of standard power
supplies. The table below shows the total number
of ILS products each power supply can drive. Additional
power supplies are being introduced so please call us or
check our website for the latest offering. Suitable options
on page 8
Thermal Interface Material (TIM)
ILS has produced a range of high-performance, cost
effective thermal interface materials to match perfectly
their standard products. The product fills the air pockets
between the two surfaces, forming a continuous layer to
conduct heat away from the LED to the heatsink. ILS offers
TIM in three options – double sided adhesive, single sided
adhesive and non adhesive. Suitable options on page 8 or
visit our website for a full range.
ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com