Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILA-TIM-LEDIL-0A Datasheet(PDF) 9 Page - Intelligent LED Solutions

Part # ILA-TIM-LEDIL-0A
Description  OSLON Black IR LEDiL Selector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

ILA-TIM-LEDIL-0A Datasheet(HTML) 9 Page - Intelligent LED Solutions

Back Button ILA-TIM-LEDIL-0A Datasheet HTML 3Page - Intelligent LED Solutions ILA-TIM-LEDIL-0A Datasheet HTML 4Page - Intelligent LED Solutions ILA-TIM-LEDIL-0A Datasheet HTML 5Page - Intelligent LED Solutions ILA-TIM-LEDIL-0A Datasheet HTML 6Page - Intelligent LED Solutions ILA-TIM-LEDIL-0A Datasheet HTML 7Page - Intelligent LED Solutions ILA-TIM-LEDIL-0A Datasheet HTML 8Page - Intelligent LED Solutions ILA-TIM-LEDIL-0A Datasheet HTML 9Page - Intelligent LED Solutions ILA-TIM-LEDIL-0A Datasheet HTML 10Page - Intelligent LED Solutions ILA-TIM-LEDIL-0A Datasheet HTML 11Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
© IGS Version V1
+44 (0)1635 294606 | info@i-led.co.uk | https://i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre,
Berkshire Drive, Thatcham, Berkshire, RG19 4EW
A division of Intelligent Group Solutions Ltd
9 of 11
THERMAL INTERFACE MATERIAL OPTIONS
Non Adhesive
Single Sided Adhesive
Double Sided Adhesive
ILA-TIM-LEDIL-0A
ILA-TIM-LEDIL-1A
ILA-TIM-LEDIL-2A
Other sizes are available, including customised parts
Click here to visit our website for our latest range
ASSEMBLY INFORMATION
» The mounting of the LEDiL Selector has to be on a metal heatsink.
» In order to optimise the thermal management, the metal surface needs to be clean (dirt and oil free) and planar for the best contact
with the LED module. A thermal grease or heat transfer material is highly recommended.
IMPORTANT INFORMATION AND PRECAUTIONS
The LEDiL Selector, when powered up, is very bright. Thus
it is advised that you do not look directly at it. Turn the
PowerStar away from you and do not shine into the eyes of
others.
LEDiL Selectors will overheat in operation if not attached
to a suitable Heatsink. Overheating can cause failure or
irreparable damage.
Do not operate LEDiL Selector with a power supply with
unlimited current. Connection to constant voltage power
supplies that are not current limited may cause the LEDiL
Selector to consume current above the specified maximum
and cause failure or irreparable damage.
LEDiL Selectors, when operated, can reach high
temperatures thus there is risk of injury if they are touched.
DO NOT HOT PLUG ON LED SIDE OF POWER SUPPLY.
DO NOT TOUCH or PUSH on the LED as this can cause
irreparable damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com