Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G126DCUT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G126DCUT
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G126DCUT Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G126DCUT Datasheet HTML 1Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 2Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 3Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC2G126DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
1A
1Y
1OE
1
2
6
2A
2OE
7
5
3
2Y
Absolute Maximum Ratings
(1)
SN74LVC2G126
DUAL BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCES205J – APRIL 1999 – REVISED JANUARY 2007
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
FUNCTION TABLE
(EACH BUFFER)
INPUTS
OUTPUT
Y
OE
A
H
H
H
H
L
L
L
X
Z
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
DCT package
220
θ
JA
Package thermal impedance(4)
DCU package
227
°C/W
YZP package
102
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com